Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SHB160-R680E-DGG PCIEX4 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # SHB160-R680E-DGG PCIEX4
Description  PICMG 1.3 Full-Size CPU Card with LGA1700 14th/13th/12th Gen Intel® Core™ i7/i5/i3, Pentium® or Celeron® Processor, Intel® R680E/H610E, SATA 3.0, M.2 Key E/M, USB 3.2 Gen1/Gen2, Dual 2.5GbE LAN, and DVI-I
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SHB160-R680E-DGG PCIEX4 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  SHB160-R680E-DGG PCIEX4 Datasheet HTML 1Page - Axiomtek Co., Ltd. SHB160-R680E-DGG PCIEX4 Datasheet HTML 2Page - Axiomtek Co., Ltd. SHB160-R680E-DGG PCIEX4 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.axiomtek.com
System on Modules
SHB160
Specifications
Core System
CPU
LGA1700 14th/13th/12th gen Intel® Core™ i7/i5/i3, Pentium® or Celeron® processor (up to 125W)
System Memory
4 x DDR5-4400 ECC or non-ECC U-DIMM, up to 192GB (R680E)
2 x DDR5-4400 non-ECC U-DIMM, up to 64GB (H610E)
*1DPC 2R up to 4400MHz
*2DPC 1R up to 4000MHz
*2DPC 2R up to 3600MHz
Chipset
Intel® R680E/H610E
BIOS
AMI UEFI BIOS
SSD
M.2 Key M 2280 with PCIe 4.0 x4 support (R680E only)
Watchdog Timer
225 levels, 1 to 255 sec.
Expansion Interface
1 x PCIe x16 Gen4
1 x PCIe x4 Gen4 or 4 x PCIe x1 Gen4
4 x 32-bit PCI bus master
1 x M.2 Key E 2230
NEW
DDR5 memory
TPM (optional) LPT COM 1-4
M.2 M Key
DisplayPort++
2 x USB 2.0
4 x USB 3.2 Gen1x1 (5Gbps)
Front panel
2 x 2.5GbE LAN
1 x DVI-I
Audio
PS/2 keyboard
2 x USB 3.2 Gen2x1
SATA 1-6
PICMG 1.3 Full-Size CPU Card with LGA1700 14th/13th/12th Gen Intel® Core™ i7/i5/i3, Pentium® or Celeron®
Processor, Intel® R680E/H610E, SATA 3.0, M.2 Key E/M, USB 3.2 Gen1/Gen2, Dual 2.5GbE LAN, and DVI-I
Features
● LGA1700 14th/13th/12th gen Intel® Core™ i7/i5/i3, Pentium® or Celeron® processor (up to 125W)
● Intel® R680E/H610E chipset
● DDR5-4400 ECC (for R680E)/non-ECC U-DIMM, up to 192GB
● Supports Intel® AMT and vPro (R680E)
● Supports TPM 2.0 (optional)
● Supports dual 2.5GbE LAN
● Supports LPT port
● Supports M.2 Key M and Key E
*H610E supports only Key E
● Supports PCIe 4.0 via the gold fingers
USB 3.2 Gen2
2.5GbE
DDR5
M.2
PCIe 4.0


Similar Part No. - SHB160-R680E-DGG PCIEX4

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
SHB1 CIT-SHB1 Datasheet
269Kb / 3P
CIT SWITCH
logo
Axiomtek Co., Ltd.
SHB100 AXIOMTEK-SHB100 Datasheet
139Kb / 1P
2 DDR2 DIMM support up to 4 GB memory
logo
Solid States Devices, I...
SHB100UF SSDI-SHB100UF Datasheet
189Kb / 2P
25-80MA, HIGH VOLTAGE ULTRA FAST RECOVERY RECTIFIER 1500-10,000 VOLTS
logo
Axiomtek Co., Ltd.
SHB100VGA AXIOMTEK-SHB100VGA Datasheet
139Kb / 1P
2 DDR2 DIMM support up to 4 GB memory
SHB100VGGA AXIOMTEK-SHB100VGGA Datasheet
139Kb / 1P
2 DDR2 DIMM support up to 4 GB memory
More results

Similar Description - SHB160-R680E-DGG PCIEX4

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3534D ADVANTECH-ARK-3534D Datasheet
1Mb / 3P
Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
AIMB-707 ADVANTECH-AIMB-707 Datasheet
715Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, USB 3.2, M.2, 6 COMs
4-Jan-2023
AIMB-708 ADVANTECH-AIMB-708 Datasheet
644Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with HDMI/VGA, DDR4, USB 3.2, M.2, 6 COMs
3-Jan-2023
AIMB-787 ADVANTECH-AIMB-787 Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
PCE-5033 ADVANTECH-PCE-5033 Datasheet
562Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3/Pentium® System Host Board with DDR5, SATA 3.0, USB 3.2, Dual 2.5GbE, and Triple Displays
16-Feb-2023
PCE-5133 ADVANTECH-PCE-5133 Datasheet
567Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3/Pentium® System Host Board with DDR5, SATA 3.0, USB 3.2, M.2, Dual 2.5GbE, and Triple Displays
16-Feb-2023
logo
AAEON Technology
GENE-ADP6 AAEON-GENE-ADP6 Datasheet
572Kb / 2P
3.5” SubCompact Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/01/19
GENE-CML5 AAEON-GENE-CML5 Datasheet
447Kb / 2P
3.5” SubCompact Board with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor
2022/10/25
logo
BCM Advanced Research.
BC680R BCM-BC680R Datasheet
621Kb / 2P
Intel® R680E ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
RX610H BCM-RX610H Datasheet
553Kb / 2P
Intel® H610E based Micro ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com