Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD95375Q4MT Datasheet(PDF) 7 Page - Texas Instruments

Part # CSD95375Q4MT
Description  CSD95375Q4M Synchronous Buck NexFET™ Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95375Q4MT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD95375Q4MT Datasheet HTML 3Page - Texas Instruments CSD95375Q4MT Datasheet HTML 4Page - Texas Instruments CSD95375Q4MT Datasheet HTML 5Page - Texas Instruments CSD95375Q4MT Datasheet HTML 6Page - Texas Instruments CSD95375Q4MT Datasheet HTML 7Page - Texas Instruments CSD95375Q4MT Datasheet HTML 8Page - Texas Instruments CSD95375Q4MT Datasheet HTML 9Page - Texas Instruments CSD95375Q4MT Datasheet HTML 10Page - Texas Instruments CSD95375Q4MT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
3
6
9
12
15
18
21
24
27
30
33
0
400
800
1200
1600
2000
2400
Switching Frequency (kHz)
VIN = 12V
VDD = 5V
VOUT = 1.8V
LOUT = 0.29µH
IOUT = 25A
G000
7.6
7.65
7.7
7.75
7.8
7.85
7.9
7.95
−50
−25
0
25
50
75
100
125
150
Junction Temperature (°C)
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
LOUT = 0.29µH
IOUT = 25A
G000
0
0.5
1
1.5
2
2.5
3
3.5
4
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
−5
−3.3
−1.7
0
1.7
3.3
5
6.6
Output Voltage (V)
VIN = 12V
VDD = 5V
fSW = 500kHz
LOUT = 0.29µH
IOUT = 25A
G001
0
200
400
600
800
1000
1200
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
−1.6
−1.3
−1
−0.7
−0.3
0
0.3
0.7
Output Inductance (nH)
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
IOUT = 25A
G001
CSD95375Q4M
www.ti.com
SLPS430A – AUGUST 2013 – REVISED AUGUST 2014
Typical Characteristics (continued)
TJ = 125°C, unless stated otherwise.
Figure 8. Normalized Power Loss vs Output Voltage
Figure 9. Normalized Power Loss vs Output Inductance
Figure 10. Driver Current vs Frequency
Figure 11. Driver Current vs Temperature
1.
The Typical CSD95375Q4M System Characteristic curves are based on measurements made on a PCB design with dimensions of 4"
(W) × 3.5" (L) × 0.062" (T) and 6 copper layers of 1 oz. copper thickness. See the Application Information section for detailed
explanation.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com