Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY74FCT652ATSOCT Datasheet(PDF) 7 Page - Texas Instruments

Part # CY74FCT652ATSOCT
Description  8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT652ATSOCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CY74FCT652ATSOCT Datasheet HTML 3Page - Texas Instruments CY74FCT652ATSOCT Datasheet HTML 4Page - Texas Instruments CY74FCT652ATSOCT Datasheet HTML 5Page - Texas Instruments CY74FCT652ATSOCT Datasheet HTML 6Page - Texas Instruments CY74FCT652ATSOCT Datasheet HTML 7Page - Texas Instruments CY74FCT652ATSOCT Datasheet HTML 8Page - Texas Instruments CY74FCT652ATSOCT Datasheet HTML 9Page - Texas Instruments CY74FCT652ATSOCT Datasheet HTML 10Page - Texas Instruments CY74FCT652ATSOCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY74FCT652T
8-BIT REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCCS032B – SEPTEMBER 1994 – REVISED OCTOBER 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 2)
CY74FCT652T
CY74FCT652AT
CY74FCT652CT
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, clock high or low
6
5
5
ns
tsu
Setup time, before CPAB
↑ or CPBA↑
A or B
4
2
2
ns
th
Hold time, after CPAB
↑ or CPBA↑
A or B
2
1.5
1.5
ns
switching characteristics over operating free-air temperature range (see Figure 2)
PARAMETER
FROM
TO
CY74FCT652T
CY74FCT652AT
CY74FCT652CT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
1.5
9
1.5
6.3
1.5
5.4
ns
tPHL
A or B
B or A
1.5
9
1.5
6.3
1.5
5.4
ns
tPZH
GAB or GBA
AorB
1.5
14
1.5
9.8
1.5
7.8
ns
tPZL
GAB or GBA
A or B
1.5
14
1.5
9.8
1.5
7.8
ns
tPHZ
GAB or GBA
AorB
1.5
9
1.5
6.3
1.5
6.3
ns
tPLZ
GAB or GBA
A or B
1.5
9
1.5
6.3
1.5
6.3
ns
tPLH
CPAB or CPBA
AorB
1.5
9
1.5
6.3
1.5
5.7
ns
tPHL
CPAB or CPBA
A or B
1.5
9
1.5
6.3
1.5
5.7
ns
tPLH
SBA or SAB
AorB
1.5
11
1.5
7.7
1.5
6.2
ns
tPHL
SBA or SAB
A or B
1.5
11
1.5
7.7
1.5
6.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com