Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATERM-FF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ATERM-FF
Description  ADAPTER, F TYPE AUTO TERMIN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ATERM-FF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ATERM-FF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.30
33
.43
10.8
.35
8.9
1/2-28 UNEF-2A
3/8-32 UNEF-2A
BOTH ENDS
SPANNER NUT
.490
12.45
.512
13
.472
12
RECOMMENDED
PANEL CUTOUT
NOTES:
ELECTRICAL:
TERMINATOR RESISTOR: 75 ohms
RESISTOR POWER RATING: 1/4 WATT.
MISCELLANEOUS:
F-SERIES PLUGS MUST BE ENGAGED TO DISABLE TERMINATING
RESISTOR BETWEEN OUTER SHELL AND CENTER CONDUCTOR.
TERMINATING RESISTOR IS INTENDED TO TERMINATE CABLES FOR
SIGNAL LEVEL ENERGY ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPEC. PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY
RoHS Compliant 
DESCRIPTION
MATERIAL
FINISH
BODY
ZINC
NICKEL
CONTACT
PHOSPHOR BRONZE
GOLD
INSULATOR
PE
-
SPANNER NUT
BRASS
NICKEL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ATERM-FF
A
ATERM-FF.SLDDRW
1
1
D. FRISIELLO
3/8/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P. MCNEIL
3/8/10
3/11/10
A
-
INITIAL RELEASE
-
-
D.GRIFFIN
-
-
-
-
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
-
-
-
-
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTER, F TYPE AUTO TERMIN
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
3/8/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - ATERM-FF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ATERM-FF L-COM-ATERM-FF Datasheet
118Kb / 1P
ADAPTER, F TYPE AUTO TERMIN
3/8/10
More results

Similar Description - ATERM-FF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3843 POMONA-3843 Datasheet
19Kb / 1P
Adapter Type N, (M-F) Right Angle
4297 POMONA-4297 Datasheet
26Kb / 1P
Adapter, SMA (f) To Type ?쏯??(m)
6706 POMONA-6706 Datasheet
19Kb / 1P
F Type Bulkhead / Panel Feed Through Adapter
6714 POMONA-6714 Datasheet
15Kb / 1P
BNC Male to F Type Female Adapter
6716 POMONA-6716 Datasheet
42Kb / 1P
BNC Female to F Type Male Adapter
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
SD1209-13 WINCHESTER-SD1209-13 Datasheet
61Kb / 1P
ADAPTER, F-F, N
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
logo
HARTING Technology Grou...
09-30-010-5412 HARTING-09-30-010-5412 Datasheet
456Kb / 2P
Han 10B-cover-cord-thermoplast. f Termin
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com