Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7617EB Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC7617EB
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7617EB Datasheet(HTML) 3 Page - Texas Instruments

  DAC7617EB Datasheet HTML 1Page - Texas Instruments DAC7617EB Datasheet HTML 2Page - Texas Instruments DAC7617EB Datasheet HTML 3Page - Texas Instruments DAC7617EB Datasheet HTML 4Page - Texas Instruments DAC7617EB Datasheet HTML 5Page - Texas Instruments DAC7617EB Datasheet HTML 6Page - Texas Instruments DAC7617EB Datasheet HTML 7Page - Texas Instruments DAC7617EB Datasheet HTML 8Page - Texas Instruments DAC7617EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
DAC7617
SBAS185
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ABSOLUTE MAXIMUM RATINGS(1)
VDD to GND ........................................................................ –0.3V to +5.5V
VREFL to GND ........................................................... –0.3V to (VDD + 0.3V)
VDD to VREFH .......................................................................... –0.3V to VDD
VREFH to VREFL ........................................................................ –0.3V to VDD
Digital Input Voltage to GND ...................................... –0.3V to VDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ......................................... –40
°C to +85°C
Storage Temperature Range .......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
PACKAGE/ORDERING INFORMATION
MAXIMUM
MAXIMUM
LINEARITY
DIFFERENTIAL
PACKAGE
SPECIFICATION
ERROR
LINEARITY
DRAWING
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
NUMBER
RANGE
NUMBER(1)
MEDIA
DAC7617U
±2
±1
SO-16
211
–40
°C to +85°C
DAC7617U
Rails
""
"
"
"
"
DAC7617U/1K
Tape and Reel
DAC7617UB
±1
±1
SO-16
211
–40
°C to +85°C
DAC7617UB
Rails
""
"
"
"
"
DAC7617UB/1K
Tape and Reel
DAC7617E
±2
±1
SSOP-20
334
–40
°C to +85°C
DAC7617E
Rails
""
"
"
"
"
DAC7617E/1K
Tape and Reel
DAC7617EB
±1
±1
SSOP-20
334
–40
°C to +85°C
DAC7617EB
Rails
""
"
"
"
"
DAC7617EB/1K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “DAC7617EB/1K” will get a single 1000-piece Tape and Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com