Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT-STRIP-02 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AT-STRIP-02
Description  ALTELICON
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AT-STRIP-02 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AT-STRIP-02 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALTELICON™ AT-STRIP-01
AT-STRIP-01
For use with: RG 58, 59, 62, 6, 174, 316, WBC/LMR® 100, 195, 200, 240
Stripping Distance: 4, 6, 8, 10, 12 mm
LMR® is a trademark or registered trademark of Times Microwave Systems in the United States and/or other countries.
Altelicon™ is a trademark or registered trademark of Altelicon, Inc. in the United States and/or other countries.
ADJUST V-BLOCK
6 = RG 6 LMR® 240
8 = RG 58 LMR® 195, 200
9 = RG 59, 62
D = RG 174, 316 LMR® 100
ADJUST BLADE DEPTH
STRIPPING DIRECTION
ALTELICON™ AT-STRIP-02
AT-STRIP-02
For use with: RG 8, 11, 213, 214, WBC/LMR® 400
Stripping Distance: 4, 6, 8, 10, 12 mm
D = 4, 6, 8, 10, 12 mm
STRIPPING DISTANCE
Replacement Blades: AT-STRIP-B2
Fixed Blades Pin
Shaft Pin
A B C D
Adjust blade height
with provided allen
wrench.
Remove pin to
move blades.
Move blade
positions to adjust
stripping distance.
C + D = 4 mm
B + C = 6 mm
A + C = 8 mm
B + D = 10 mm
A + D = 12 mm
Remove pin to
adjust stripping
distance.
Allen wrench
Replacement Blades: AT-STRIP-B1
STRIPPING DISTANCE BLADE POSITIONS
A B
C D E
A
C + E = 4 mm
B + D = 6 mm (PRESET)
B + E = 8 mm
A + D = 10 mm
A + E = 12 mm


Similar Part No. - AT-STRIP-02

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AT-SP10LR-C ATGBICS-AT-SP10LR-C Datasheet
569Kb / 10P
AT-SP10LR Allied Telesis Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AT-SP10LR20-C ATGBICS-AT-SP10LR20-C Datasheet
569Kb / 10P
AT-SP10LR20 Allied Telesis Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AT-SP10SR-C ATGBICS-AT-SP10SR-C Datasheet
375Kb / 10P
AT-SP10SR Allied Telesis Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
AT-SP10TW1-C ATGBICS-AT-SP10TW1-C Datasheet
151Kb / 3P
AT-SP10TW1 Allied Telesis Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
AT-SP10TW10-C ATGBICS-AT-SP10TW10-C Datasheet
152Kb / 3P
AT-SP10TW10 Allied Telesis Compatible Direct Attach Copper Twinax Cable, 10G SFP Cu (10m, Passive)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com