Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8501E/250 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC8501E/250
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8501E/250 Datasheet(HTML) 2 Page - Texas Instruments

  DAC8501E/250 Datasheet HTML 1Page - Texas Instruments DAC8501E/250 Datasheet HTML 2Page - Texas Instruments DAC8501E/250 Datasheet HTML 3Page - Texas Instruments DAC8501E/250 Datasheet HTML 4Page - Texas Instruments DAC8501E/250 Datasheet HTML 5Page - Texas Instruments DAC8501E/250 Datasheet HTML 6Page - Texas Instruments DAC8501E/250 Datasheet HTML 7Page - Texas Instruments DAC8501E/250 Datasheet HTML 8Page - Texas Instruments DAC8501E/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DAC8501
2
SBAS212A
www.ti.com
VDD to GND ........................................................................... –0.3V to +6V
Digital Input Voltage to GND ................................. –0.3V to +VDD + 0.3V
VOUT to GND .......................................................... –0.3V to +VDD + 0.3V
VREF to GND ........................................................... –0.3V to +VDD + 0.3V
VFB to GND ............................................................. –0.3V to +VDD + 0.3V
Operating Temperature Range ...................................... –40
°C to +105°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature Range (TJ max) ........................................ +150°C
Power Dissipation ........................................................ (TJ max — TA)/θJA
θ
JA Thermal Impedance ......................................................... 206°C/W
θ
JC Thermal Impedance ........................................................... 44°C/W
Lead Temperature, Soldering:
Vapor Phase (60s) ............................................................... +215
°C
Infrared (15s) ........................................................................ +220
°C
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION
RELATIVE
DIFFERENTIAL
SPECIFICATION
ACCURACY
NONLINEARITY
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE-LEAD DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DAC8501E
±64
±1
MSOP-8
DGK
–40
°C to +105°C
D01
DAC8501E/250
Tape and Reel, 250
""
"
"
"
"
"
DAC8501E/2K5
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PIN
NAME
DESCRIPTION
1VDD
Power-Supply Input, +2.7V to +5.5V
2VREF
Reference Voltage Input
3VFB
Feedback connection for the output amplifier.
4VOUT
Analog output voltage from DAC. The output ampli-
fier has rail-to-rail operation.
5
SYNC
Level-triggered control input (active LOW). This is
the frame synchronization signal for the input data.
When SYNC goes LOW, it enables the input shift
register and data is transferred in on the falling
edges of the following clocks. The DAC is updated
following the 24th clock cycle unless SYNC is taken
HIGH before this edge, in which case the rising
edge of SYNC acts as an interrupt and the write
sequence is ignored by the DAC8501.
6
SCLK
Serial Clock Input. Data can be transferred at rates
up to 30MHz.
7DIN
Serial Data Input. Data is clocked into the 24-bit
input shift register on the falling edge of the serial
clock input.
8
GND
Ground reference point for all circuitry on the part.
PIN DESCRIPTION
PIN CONFIGURATIONS
Top View
MSOP
V
DD
V
REF
V
FB
V
OUT
GND
D
IN
SCLK
SYNC
1
2
3
4
8
7
6
5
DAC8501
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com