Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AW900ITR Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AW900ITR
Description  900 MHz Indoor Wireless Ethernet Radio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AW900ITR Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AW900ITR Datasheet HTML 1Page - Infinite Electronics International, Inc. AW900ITR Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical specifications
* There is a limit of 128 routable MAC addresses per
access point. This allows an Ethernet switch to be
attached to subscriber units (“Client” in image at
left), but limits to 128 the total number of Ethernet
devices to which the access point can connect.
** There is a limit of 16 active subcsriber units for
each access point. A total of 12 access points (in the
900 MHz band) can be deployed to support up to 192
fixed subscriber units across a given site.
• Radios are IP addressable*, with Remote
Configuration & Diagnostic Tools
• Radios Support Multiple IP Addresses at
Each Remote Node**
Ordering Information
AW900iTR
AW900iTR-PAIR
900 MHz Indoor Wireless Ethernet Radio
900 MHz Indoor Wireless Ethernet Bridge
Includes:
(1) AW900iTR Radio
(1) AW2-900 2.5 dBi Omnidirectional Antenna
(1) 110 VAC to 6 VDC power adapter
Includes:
(2) AW900iTR Radios
(2) AW2-900 2.5 dBi Omnidirectional Antennas
(2) 110 VAC to 6 VDC power adapters
© AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other trademarks are property of their respective owners.
AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time
without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. Particular uses or applications may invalidate some of the specifications and/or product
descriptions contained herein. The customer is urged to perform its own engineering review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining applications.
06.18.2013
Copyright
:: AvaLAN Wireless Systems Inc. :: All rights reserved
<IP Addr.> 192.168.2.100
192.168.2.101
192.168.2.102
192.168.2.103
192.168.2.104
192.168.2.105
AW900iTR
<Access Point>
AW900iTR
<Client>
AW900iTR
<Client>
System diagram
PARAMETER
SPECIFICATION
RF transmission rate
1.536 Mbps
Ethernet throughput
935 Kbps
Output power
+21 dBm (4 Watts EIRP when used with 15 dBi antenna)
Receiver Sensitivity
-97 dBm at 10-4 BER
Range
40 miles line-of-sight with 15 dBi antenna
RF channels
12 non-overlapping channels with 2.0833 MHz spacing
Frequency selection
Automatic or manually selectable via web browser interface
RF Connector
RPTNC Female
Ethernet
RJ-45
Power Connector
P5 2.1 mm
Adjacent band rejection
SAW receiver filter attenuates cellular and pager interference
Mounting
DIN rail clip
Power regulation
Built-in switching regulator
Browser management tools
Statistics, Network Settings, Spectrum Analyzer, Firmware Upgrade
Power consumption
Transmit: 1.7 Watts Receive: 0.8 Watts
Voltage
9 to 48 VDC
Transmit current draw
140 mA at 12 VDC
Temperature range
-40º C to +70º C
Size
110 x 110 x 35 mm
Compatibility
Compatible with AW900xTR and AW900xTP radios



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com