Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVLAW900MSPI10 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AVLAW900MSPI10
Description  Non-line-of-sight :: 900 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVLAW900MSPI10 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AVLAW900MSPI10 Datasheet HTML 1Page - Infinite Electronics International, Inc. AVLAW900MSPI10 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Evaluation System
RF transmission rate
Serial throughput
Output power
Receive sensitivity
Radio link budget
Range
Radio channels/bandwidth
Manual frequency select
Connector type
Error correction technique
Voltage
Temperature range
Power Consumption
Size
1.536 Mbps
1.2 Mbps
+21 dBm (4 Watts EIRP used with 15 dBi antenna)
-97 dBm at 10e-4 BER (-112 dBm with 15 dBi antenna)
148 dB with 15 dBi antenna
40 miles LOS with 15 dBi antenna
12 non-overlapping with 2.0833 MHz spacing and 1.75 MHz occupied bandwidth
Channel can be selected with DIP switches or via command set instruction
RF RPSMA Female
Sub-block error detection and retransmission
3.3 VDC
-40o C to +80o C
Transmit: 0.75 Watts Receive: 0.5 Watts Sleep: 2 µW
47.5 x 51 x 7 mm, 10 grams
CHARACTERISTIC
SPECIFICATION / DESCRIPTION
©2004 — 2009 AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other
trademarks are property of their respective owners. AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and
reserves the right to make changes to specifications and product descriptions at any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual
property rights is granted by this document. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged to perform its
own engineering review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining applications.
Technical specifications
Copyright 2004-2009
:: AvaLAN Wireless Systems Inc. :: All rights reserved
Version 05.19.2009
RF in/out at
1.54 Mbps
Data in/out:
SPI at 7 Mbps or
UART at 115.2 Kbps
DIP Switches
LEDs
Data Receive
Data Send
Management
16 Status LEDs
16 DIP Switches
USB to
Serial I/O
Converter
Radio
Section
Baseband
processor
AW900SPI Module
Radio
Antenna
SPI or UART
Data Connection
USB
Connection
to PC
Evaluation board
Evaluation Board
Block Diagram
0x01 getStatus
0x02 getPublicKey
0x03 getPrivateKey
0x04 getDeviceID
0x05 getStats
0x06 getVersion
0x08 getNumberOfConnectedSUs
0x09 getRSSIreadings
0x0A getDATAPacket
The command set includes:
Design files include C source code for command set.
0x81 setStatus
0x82 setPublicKey
0x83 setPrivateKey
0x84 setDeviceID
0x85 setReset
0x8A setDATAPacket
0x8B setFirmwareStart
0x8C setFirmwareEnd
Module
Evaluation
Board



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com