Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVLAW900MSPIEVAL Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AVLAW900MSPIEVAL
Description  Non-line-of-sight :: 900 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVLAW900MSPIEVAL Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AVLAW900MSPIEVAL Datasheet HTML 1Page - Infinite Electronics International, Inc. AVLAW900MSPIEVAL Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Non-line-of-sight :: 900 MHz
The AW900MSPI module allows you to
build your own long-range, non-line-of-
sight, point-to-multipoint wireless solu-
tion that can enable any remote device.
The AW900MSPI solution offers the
ideal combination of price, range, data
rate, security, interference avoidance,
quality-of-service, and ease-of-use.
Features
• 1.54 Mbps DSSS Radio with high speed SPI
and UART data interfaces
• FCC/IC certified modular approval for 900 MHz
• 128 bit AES encryption - FIPS 197 NIST certified
• 148 dB link budget enables exceptional range:
4 watts EIRP with 15 dBi antenna (+21 dB conducted)
-112 dB receive sensitivity with 15 dBi antenna (-97 dB at port)
• TDMA MAC supports up to 63 concurrent subscribers
• Low power draw: 0.75w transmitting, 2µw standby
at 3.3 VDC
• Wide temperature range: -40
° to +80°C
• Narrow occupied bandwidth allows 12 channels within
900 MHz band
• Small form factor allows easy integration: 47.5 x 51 x 7 mm
www.avalanwireless.com
Corporate headquarters
: (866) 533.6216
Technical support
: (650) 384.0000
AW900MSPI
Product Brief
AW900MSPI-10 RF Modules
Quantity 10, 900 MHz non-line-of-sight,
point-to-multipoint radio transceiver
modules. Call for larger quantity pricing.
AW900MSPI-EVAL OEM Kit
Evaluation and software development kit.
Contents:
• (2) AW900MSPI Radio Modules
• (2) AWP8 8” RPSMA to RPTNC Bulkhead
pigtails
• (2) AW2-900 Omni-directional antennas
• (2) AWEVAL Evaluation Boards
• (2) USB cables
• (2) 12 VDC power supplies
System
SPI Data In/Out
Access Point Mode
SPI Data In/Out
Subscriber Mode
SPI Data In/Out
Subscriber Mode
SPI Data In/Out
Subscriber Mode
SPI Data In/Out
Subscriber Mode
Mounting Point
47.5 mm
51 mm
7 mm
7 mm
22 mm
13 mm
Mounting Point
Mounting Point


Similar Part No. - AVLAW900MSPIEVAL

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVLAW900MSPI10 L-COM-AVLAW900MSPI10 Datasheet
1Mb / 2P
Non-line-of-sight :: 900 MHz
Version 05.19.2009
More results

Similar Description - AVLAW900MSPIEVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6190 AD-AD6190 Datasheet
150Kb / 8P
900 MHz RF Transceiver
logo
List of Unclassifed Man...
H.261 ETC1-H.261 Datasheet
123Kb / 31P
LINE TRANSMISSION OF NON-TELEPHONE SIGNALS
logo
Johanson Technology Inc...
0900BL15C050 JOHANSON-0900BL15C050 Datasheet
94Kb / 2P
900 MHz Balun
0900BL18B100 JOHANSON-0900BL18B100 Datasheet
117Kb / 2P
900 MHz Balun
0900BL18B200 JOHANSON-0900BL18B200 Datasheet
141Kb / 2P
900 MHz Balun
0896BL14B050 JOHANSON-0896BL14B050 Datasheet
147Kb / 2P
900 MHz Balun
0900BL15A100 JOHANSON-0900BL15A100 Datasheet
128Kb / 2P
900 MHz Balun
0917BL18B100 JOHANSON-0917BL18B100 Datasheet
87Kb / 2P
900 MHz Balun
logo
Fairchild Semiconductor
HLMP2655 FAIRCHILD-HLMP2655 Datasheet
770Kb / 6P
LED SIGHT BARS
logo
KR Electronics, Inc.
2953 KR-2953 Datasheet
52Kb / 3P
900 MHz Center Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com