Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVLAW900MTREVAL Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AVLAW900MTREVAL
Description  900 MHz Ethernet to RF Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVLAW900MTREVAL Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AVLAW900MTREVAL Datasheet HTML 1Page - Infinite Electronics International, Inc. AVLAW900MTREVAL Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTIC
SPECIFICATION/DESCRIPTION
RF transmission rate
1.536 Mbps
Ethernet data rate
935 Kbps
Output power
+21 dBm (4 Watts EIRP when used with 15 dBi antenna)
Receiver Sensitivity
-91 dBm at 10-4 BER
Range
40 miles line-of-sight with 15 dBi antenna
RF channels/bandwidth
12 non-overlapping channels with 2.0833 MHz spacing and 1.75 MHz bandwidth
Frequency selection
Automatic or manually selectable via web browser interface or DIP switches
Status LEDs
Power, Ethernet link, RF TX, RF RX, Channel (4), Link Quality (6)
Connector types
RF: RPTNC Female / 10/100 base T Ethernet RJ-45 / P5 2.1 mm ID Power
Data Encryption
128-bit AES, FIPS197, keys set through password-protected browser interface or automatic configuration
Error correction technique
Sub-block error detection and retransmission
Adjacent band rejection
SAW receiver filter attenuates cellular and pager interference
Power regulation
Built-in switching regulator
Browser management tools
QoS Statistics, Network Settings, Spectrum Analyzer, Firmware Upgrade
Power consumption
Transmit: 1.7 Watts Receive: 0.8 Watts
Voltage
Power over Ethernet 9-48 VDC pins 4/5 positive and 7/8 ground or use separate P5 power jack
Transmit current draw
175 mA at 9 VDC, 140 mA at 12 VDC, 35 mA at 48 VDC
Temperature range
-40º C to +80º C
Size
70 x 66 x 23 mm, 40 grams
Compatibility
May be mixed in combination with AW900xTR, AW900iTR and AW900xTP radios, not compatible with older AW900x,
AW900xT, AW900i and AW900iT.
Physical Dimensions
©2004 — 2011 AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other trademarks are property of their respective
owners. AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at
any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. Particular uses or applications may invalidate some of the specifications and/
or product descriptions contained herein. The customer is urged to perform its own engineering review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining
applications.
Copyright 2004-2011
:: AvaLAN Wireless Systems Inc. :: All rights reserved
Version 02.25.2011
22 mm
66 mm
Technical specifications
AW900mTR-EVAL
AW900mTR-10
900 MHz RF to Ethernet Module Evaluation Kit
900 MHz RF to Ethernet Module 10-Pak
Contents:
• (2) AW900mTR Radio Modules
• (2) AW2-900 2.5 dBi Omnidirectional Antennas
• (2) AW-P8 8” Antenna to Radio Pigtail Cables
• (2) AW-POE Power Over Ethernet Injectors
• (2) 110 VAC to 12 VDC power adapters
Contents:
• (10) AW900mTR Radio Modules
Ordering Information
60 mm
15 mm
9 mm
9 mm 10.5 mm
3 mm diameter
mounting holes
RPSMA
Antenna Connector
Reset Button
Configuration
DIP Switches
RJ-45 Ethernet Jack
P5 Power Jack
Module is
23 mm Thick
including components



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com