Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVLAW900R2PAIR Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AVLAW900R2PAIR
Description  900 MHz Outdoor Wireless RS-232 Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVLAW900R2PAIR Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AVLAW900R2PAIR Datasheet HTML 1Page - Infinite Electronics International, Inc. AVLAW900R2PAIR Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2004 — 2010 AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other trademarks are property of their respective
owners. AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at
any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. Particular uses or applications may invalidate some of the specifications and/
or product descriptions contained herein. The customer is urged to perform its own engineering review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining
applications.
Technical specifications
Copyright 2004-2010
:: AvaLAN Wireless Systems Inc. :: All rights reserved
05.26.2010
Characteristic
Specification/Description
Serial Baud Rate
9600, 19200, 38400, 57600, 76800, 115200
RS-232 Signal Characteristics
See data sheet for Maxim 3221 chip (www.maxim-ic.com)
RF transmission rate
1.536 Mbps
RF Output Power
+21 dBm (4 Watts EIRP with 15 dBi antenna)
Receiver Sensitivity
-97 dBm at 10-4 Bit Error Rate
Range
Up to 40 miles line-of-sight with 15 dBi antennas
RF channels/bandwidth
12 non-overlapping with 2.0833 MHz spacing and 1.75 MHz bandwidth, automatic selection or
manual via USB
Adjacent band rejection
SAW receiver filter attenuates cellular and pager interference
Error correction
Sub-block error detection and retransmission
Encryption
128-bit AES, meets FIPS 197 Standard
Evk Utility Management Tools
Serial port configuration, encryption keys, tuning parameters, QoS statistics, spectrum analyzer
Status LEDs
power, RF activity, serial data activity, channel, link quality
Connectors
RF: RPTNC Female; RS-232 and power: RJ-45 weatherproof with cable sealing gland; 30’ cable with
screw terminals included as well.
Power consumption
Transmit: 0.54 Watts, Receive: 0.45 Watts
Voltage
5-45 VDC
Power regulation
Switching regulator
Transmit current draw
140 ma at 12 VDC
Operating Temperature Range
-40 ºC to +75 ºC
Enclosure
Die cast aluminum, powder-coated, gasket-sealed connectors and cover. Meets IP66 for water and
dust resistance.
AW900R2-PAIR
900 MHz Outdoor Wireless RS-232 Bridge
Contents:
• (2) Outdoor wireless RS-232 radios
• (2) AW2-900 Omnidirectional Antennas
• (2) RJ-45 to Screw Terminal 30 foot cables
• (2) DB-9 Female to Screw Terminal breakout adapters
• 2) 20” USB to Mini-USB Adapter Cables
• 2) 120VAC to 12 VDC Wall Hanger Power Supplies
Ordering Information
Remote data logging
from RS-232 sensors
Application Example



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com