Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CELLX Datasheet(PDF) 3 Page - Coherent Corp

Part # CELLX
Description  The Universal Light Engine for Free-Space Applications, Flow Cytometry, and Microscopy
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CELLX Datasheet(HTML) 3 Page - Coherent Corp

  CELLX Datasheet HTML 1Page - Coherent Corp CELLX Datasheet HTML 2Page - Coherent Corp CELLX Datasheet HTML 3Page - Coherent Corp CELLX Datasheet HTML 4Page - Coherent Corp CELLX Datasheet HTML 5Page - Coherent Corp CELLX Datasheet HTML 6Page - Coherent Corp CELLX Datasheet HTML 7Page - Coherent Corp CELLX Datasheet HTML 8Page - Coherent Corp CELLX Datasheet HTML 9Page - Coherent Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
CellX
Specifications
CellX 405
CellX 488
CellX 561
CellX 637
Spatial Mode
TEM⁰⁰
M² (Beam Quality)1
≤1.3
Beam Asymmetry (circular beam)
≤1:1.2
Pointing Stability Over Temperature (μrad/°C)
<10
Beam Colinearity2 (μrad)
<100
RMS Noise3 (%) (20 Hz to 20 MHz)
<0.25
Peak-to-Peak Noise3 (%) (20 Hz to 20 kHz)
<1
Long-Term Power Stability (%) (8 hours, ±3°C)
<2
Warm-Up Time (minutes) (from cold start)
<5
Polarization Extinction Ratio
>50:1
>75:1
>50:1
>50:1
Polarization Azimuth
Vertical ±5°
Notes:
1.
Beam Quality (M2) measured per laser channel using ModeMaster with 90/10 clip levels.
2.
Standard alignment. User adjustable.
3.
RMS Noise and Peak-to-Peak Noise Specifications are per laser channel, during CW operation at nomimal Output Power.
4.
Typical power-on delay of 1 minute from cold start.
CellX offers common bolt pattern to support objective
lens, shutter, or fiber launcher.
Example of CellX with Laser Output Shutter attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com