Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73837AMIUN Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP73837AMIUN
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837AMIUN Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP73837AMIUN Datasheet HTML 17Page - Microchip Technology MCP73837AMIUN Datasheet HTML 18Page - Microchip Technology MCP73837AMIUN Datasheet HTML 19Page - Microchip Technology MCP73837AMIUN Datasheet HTML 20Page - Microchip Technology MCP73837AMIUN Datasheet HTML 21Page - Microchip Technology MCP73837AMIUN Datasheet HTML 22Page - Microchip Technology MCP73837AMIUN Datasheet HTML 23Page - Microchip Technology MCP73837AMIUN Datasheet HTML 24Page - Microchip Technology MCP73837AMIUN Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22071A-page 21
MCP73837/8
EQUATION 6-1:
For example, power dissipation with a 5V, ±10% input
voltage source and 500 mA, ±10% fast charge current
is:
EXAMPLE 6-1:
This power dissipation with the battery charger in the
MSOP-10 package will cause thermal regulation to be
entered as depicted in Figure 6-3. Alternatively, the
3 mm x 3 mm DFN package could be utilized to reduce
the charge cycle times.
6.1.1.3
External Capacitors
The MCP73837/8 is stable with or without a battery
load. In order to maintain good AC stability in the
Constant Voltage mode, a minimum capacitance of
1 µF is recommended to bypass the VBAT pin to VSS.
This capacitance provides compensation when there is
no battery load. In addition, the battery and
interconnections appear inductive at high frequencies.
These elements are in the control feedback loop during
Constant Voltage mode. Therefore, the bypass
capacitance may be necessary to compensate for the
inductive nature of the battery pack.
Virtually any good quality output filter capacitor can be
used, independent of the capacitor’s minimum
Effective Series Resistance (ESR) value. The actual
value of the capacitor (and its associated ESR)
depends on the output load current. A 1 µF ceramic,
tantalum, or aluminum electrolytic capacitor at the
output is usually sufficient to ensure stability for output
currents up to 500 mA.
6.1.1.4
Reverse-Blocking Protection
The MCP73837/8 provides protection from a faulted or
shorted input. Without the protection, a faulted or
shorted input would discharge the battery pack through
the body diode of the internal pass transistor.
6.1.1.5
Charge Inhibit
The current regulation set input pin (PROG1/2) can be
used to terminate a charge at any time during the
charge cycle, as well as to initiate a charge cycle or
initiate a recharge cycle.
Placing a programming resistor from the PROG1 input
to VSS or driving PROG2 to logic High or Low enables
the device. Allowing either the PROG1 or PROG2 input
float disables the device and terminates a charge cycle.
When disabled, the device’s supply current is reduced
to 75 µA, typically.
6.1.1.6
Temperature Monitoring
The charge temperature window can be set by placing
fixed value resistors in series-parallel with a thermistor.
The resistance values of RT1 and RT2 can be calculated
with the following equations in order to set the
temperature window of interest.
For NTC thermistors:
EQUATION 6-2:
For example, by utilizing a 10 k
Ω at 25°C NTC
thermistor with a sensitivity index,
β, of 3892, the
charge temperature range can be set to 0°C - 50°C by
placing a 1.54 k
Ω resistor in series (RT1), and a
69.8 k
Ω resistor in parallel (RT2) with the thermistor.
6.1.1.7
Charge Status Interface
A status output provides information on the state of
charge. The output can be used to illuminate external
LEDs or interface to a host microcontroller. Refer to
Figure 5-1 for a summary of the state of the status
output during a charge cycle.
6.2
PCB Layout Issues
For optimum voltage regulation, place the battery pack
as close as possible to the device’s VBAT and VSS pins,
recommended to minimize voltage drops along the
high current-carrying PCB traces.
If the PCB layout is used as a heatsink, adding many
vias in the heatsink pad can help conduct more heat to
the backplane of the PCB, thus reducing the maximum
junction temperature.
PowerDissipation
V
DDMAX
V
PTHMIN
–
() I
REGMAX
×
=
Where:
VDDMAX = the maximum input voltage
IREGMAX = the maximum fast charge current
VPTHMIN = the minimum transition threshold
voltage
PowerDissipation
5.5V
2.7V
–
() 550mA
×
1.54W
==
24k
Ω
R
T1
R
T2
R
COLD
×
R
T2
R
+
COLD
---------------------------------
+
=
5k
Ω
R
T1
R
T2
R
HOT
×
R
T2
R
+
HOT
-----------------------------
+
=
Where:
RT1
=
the fixed series resistance
RT2
=
the fixed parallel resistance
RCOLD
the thermistor resistance at the
lower temperature of interest
RHOT
=
the thermistor resistance at the
upper temperature of interest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com