Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2600SC Datasheet(PDF) 2 Page - YAGEO Corporation

Part # P2600SC
Description  Thyristor Surge Suppressors (TSS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

P2600SC Datasheet(HTML) 2 Page - YAGEO Corporation

  P2600SC Datasheet HTML 1Page - YAGEO Corporation P2600SC Datasheet HTML 2Page - YAGEO Corporation P2600SC Datasheet HTML 3Page - YAGEO Corporation P2600SC Datasheet HTML 4Page - YAGEO Corporation P2600SC Datasheet HTML 5Page - YAGEO Corporation P2600SC Datasheet HTML 6Page - YAGEO Corporation P2600SC Datasheet HTML 7Page - YAGEO Corporation P2600SC Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
PXXXXSX
THYRISTOR SURGE SUPPRESSORS
Circuit Protection
www.yageo.com
Mar. 18, 2021 V.4
Thyristor Surge Suppressors (TSS) Data Sheet
Description
DO-214AA Thyristor solid state protection thyristor protect
telecommunications equipment such as modems, line cards,
fax machines, and other CPE.
P Series devices are used to enable equipment to meet
various regulatory requirements including GR 1089, ITU
K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968
(formerly known as FCC Part 68).
Features
Compared to surge suppression using other technologies, P Series devices offer absolute surge protection
regardless of the surge current available and the rate of applied voltage (dv/dt). P Series devices:
■ Cannot be damaged by voltage
■ Eliminate hysteresis and heat dissipation typically found with clamping devices
■ Eliminate voltage overshoot caused by fast-rising transients
■ Are non-degenerative
■ Will not fatigue
■ Have low capacitance, making them ideal for high-speed transmission equipment
■ Meets MSL level 1, per J-STD-020
Electrical Parameters
Parameter
Definition
VDRM
Peak Off-state Voltage
– maximum voltage that can be applied while maintaining off state
VS
Switching Voltage
– maximum voltage prior to switching to on state
VT
On-state Voltage
– maximum voltage measured at rated on-state current
IDRM
Leakage Current
– maximum peak off-state current measured at VDRM
IS
Switching Current
– maximum current required to switch to on state
IT
On-state Current
– maximum rated continuous on-state current
IH
Holding Current
– typical current required to maintain on state
CO
Off-state Capacitance
– typical capacitance measured in off state
IPP
Peak Pulse Current
– maximum rated peak impulse current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com