Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0402HPH-R22XHLU Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0402HPH-R22XHLU
Description  Chip Inductors - 0402HP Series (1005)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402HPH-R22XHLU Datasheet(HTML) 2 Page - Coilcraft lnc.

  0402HPH-R22XHLU Datasheet HTML 1Page - Coilcraft lnc. 0402HPH-R22XHLU Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
UK
Taiwan
China
Singapore
© Coilcraft Inc. 2020
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
0402HP Series (1005)
AEC
Q200 85°C
+
Halogen
Free
Document 526-2
Document 526-2 Revised 03/12/20
Inductance2 Percent
Test freq
900 MHz
1.7 GHz
SRF typ5 DCR max6 Irms7
Part number1
(nH)
tolerance3
(MHz)
L typ
Q typ4
L typ
Q typ4
(GHz)
(Ohms)
(mA)
0402HP-1N0XJE_
1.0
5
250
0.97
46
0.99
72
16.0
0.030
2300
0402HP-2N0XJE_
2.0
5
250
1.96
58
1.98
85
15.2
0.038
2100
0402HP-2N2XJE_
2.2
5
250
2.17
60
2.17
86
15.1
0.038
2100
0402HP-2N4X_E_
2.4
5,3,2
250
2.37
60
2.38
83
14.0
0.042
2000
0402HP-2N7X_E_
2.7
5,3,2
250
2.66
62
2.68
85
13.0
0.085
1500
0402HP-3N3X_E_
3.3
5,3,2
250
3.26
66
3.28
95
12.8
0.045
1700
0402HP-3N6X_E_
3.6
5,3,2
250
3.56
65
3.58
94
11.7
0.045
1700
0402HP-3N9X_E_
3.9
5,3,2
250
3.87
64
3.91
98
9.50
0.045
1700
0402HP-4N3X_E_
4.3
5,3,2
250
4.26
63
4.33
90
7.15
0.050
1600
0402HP-4N7X_E_
4.7
5,3,2
250
4.67
58
4.74
83
6.85
0.075
1500
0402HP-5N1X_E_
5.1
5,3,2
250
5.07
54
5.16
76
6.80
0.125
1200
0402HP-5N6X_E_
5.6
5,3,2
250
5.56
73
5.66
105
6.50
0.055
1600
0402HP-6N2X_E_
6.2
5,3,2
250
6.18
73
6.25
100
5.80
0.055
1600
0402HP-6N8X_E_
6.8
5,3,2
250
6.78
68
6.97
94
5.80
0.070
1500
0402HP-7N5X_E_
7.5
5,3,2
250
7.49
60
7.77
82
5.40
0.100
1400
0402HP-8N2X_E_
8.2
5,3,2
250
8.10
68
8.40
95
5.40
0.065
1500
0402HP-8N7X_E_
8.7
5,3,2
250
8.73
66
9.04
95
5.00
0.070
1500
0402HP-9N0X_E_
9.0
5,3,2
250
8.99
67
9.21
92
5.00
0.080
1400
0402HP-9N5X_E_
9.5
5,3,2
250
9.52
64
9.97
90
4.70
0.090
1400
0402HP-10NX_E_
10
5,3,2
250
9.98
62
10.4
90
4.70
0.110
1300
0402HP-11NX_E_
11
5,3,2
250
11.0
68
11.6
98
4.70
0.065
1400
0402HP-12NX_E_
12
5,3,2
250
12.0
66
12.6
100
4.40
0.100
1200
0402HP-13NX_E_
13
5,3,2
250
13.1
62
13.9
82
4.20
0.155
870
0402HP-15NX_E_
15
5,3,2
250
15.1
62
16.0
85
3.90
0.115
1100
0402HP-16NX_E_
16
5,3,2
250
16.2
57
17.3
77
3.70
0.150
850
0402HP-17NX_E_
17
5,3,2
250
17.2
51
18.7
64
3.70
0.230
650
0402HP-18NX_E_
18
5,3,2
250
18.2
58
19.5
74
3.55
0.120
900
0402HP-19NX_E_
19
5,3,2
250
19.2
61
20.7
88
3.50
0.145
850
0402HP-20NX_E_
20
5,3,2
250
20.3
58
22.0
76
3.50
0.185
780
0402HP-21NX_E_
21
5,3,2
250
21.3
48
23.2
62
1.70
0.460
450
0402HP-22NX_E_
22
5,3,2
250
22.3
60
24.4
74
3.30
0.160
800
0402HP-23NX_E_
23
5,3,2
250
23.3
60
25.5
77
3.30
0.160
800
0402HP-24NX_E_
24
5,3,2
250
24.5
55
27.1
71
3.15
0.210
700
0402HP-25NX_E_
25
5,3,2
250
25.5
57
28.3
73
3.15
0.260
700
0402HP-26NX_E_
26
5,3,2
250
26.6
56
29.3
74
3.15
0.290
700
0402HP-27NX_E_
27
5,3,2
250
27.3
62
29.5
86
3.20
0.350
450
0402HP-30NX_E_
30
5,3,2
250
30.8
61
35.0
87
2.90
0.350
450
0402HP-33NX_E_
33
5,3,2
250
34.0
61
38.3
80
2.80
0.330
490
0402HP-36NX_E_
36
5,3,2
250
37.1
59
42.2
76
2.80
0.390
480
0402HP-37NX_E_
37
5,3,2
250
38.2
57
44.0
72
2.70
0.480
470
0402HP-39NX_E_
39
5,3,2
250
40.5
56
47.0
84
2.60
0.430
450
0402HP-40NX_E_
40
5,3,2
250
41.3
56
47.4
75
2.60
0.430
450
0402HP-43NX_E_
43
5,3,2
250
45.0
52
54.1
68
2.50
0.520
450
0402HP-47NX_E_
47
5,3,2
250
49.0
48
58.9
62
2.40
0.580
420
0402HP-51NX_E_
51
5,3,2
250
49.1
52
58.8
59
2.30
0.700
360
0402HPH-56NX_E_
56
5,3,2
250
58.8
56
72.2
64
2.07
0.900
330
0402HPH-68NX_E_
68
5,3,2
250
72.2
56
91.4
64
1.84
1.00
320
0402HPH-82NX_E_
82
5,3,2
250
89.7
52
–
–
1.75
1.10
315
0402HPH-R10X_E_
100
5,3,2
250
–
–
–
–
1.58
1.20
310
0402HPH-R12X_E_
120
5,3,2
250
–
–
–
–
1.25
1.20
310
0402HPH-R15X_E_
150
5,3,2
100
–
–
–
–
1.14
2.0
240
0402HPH-R16X_E_
160
5,3,2
100
–
–
–
–
1.65
2.0
240
0402HPH-R18X_E_
180
5,3,2
100
–
–
–
–
1.08
2.1
240
0402HPH-R22X_E_
220
5,3,2
100
–
–
–
–
0.96
3.1
160
1. When ordering, specify
tolerance, termination and packaging codes:
0402HP-82NXJEW
Tolerance:
G = 2% H = 3% J = 5%
(Table shows stock tolerances in bold.)
Termination: E = Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
L = RoHS compliant, not halogen-free. Silver-palladium-
platinum-glass frit terminations.
R = RoHS compliant matte tin over nickel over silver-
platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
W= 7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel). Quantities less than full reel
available: in tape (not machine ready) or with leader
and trailer ($25 charge).
Q = 7
″ machine-ready reel. EIA-481 punched paper tape
(5000 parts per full reel). Quantities less than full reel
available: in tape (not machine ready) or with leader
and trailer ($25 charge).
U = Less than full reel. In an effort to simplify our part
numbering system, Coilcraft is eliminating the need
for multiple packaging codes. When ordering, simply
change the last letter of your part number from U to W.
2. Inductance measured at test frequency using a Coilcraft SMD-F fixture
in an Agilent/HP 4286 impedance analyzer with Coilcraft-provided
correlation pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4287A with an Agilent/HP 16197 test
fixture.
5. SRF measured using an Agilent/HP 8722ES network analyzer and a
Coilcraft SMD-D test fixture.
6. DCR measured on a micro-ohmmeter and a Coilcraft CCF858 test fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute
maximum ratings.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C403 contains 20 each of 5% values
Designer’s Kit C403-2 contains 20 each of 2% values



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com