Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP602T-IST Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP602T-IST
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP602T-IST Datasheet(HTML) 3 Page - Microchip Technology

  MCP602T-IST Datasheet HTML 1Page - Microchip Technology MCP602T-IST Datasheet HTML 2Page - Microchip Technology MCP602T-IST Datasheet HTML 3Page - Microchip Technology MCP602T-IST Datasheet HTML 4Page - Microchip Technology MCP602T-IST Datasheet HTML 5Page - Microchip Technology MCP602T-IST Datasheet HTML 6Page - Microchip Technology MCP602T-IST Datasheet HTML 7Page - Microchip Technology MCP602T-IST Datasheet HTML 8Page - Microchip Technology MCP602T-IST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21314G-page 3
MCP601/1R/2/3/4
AC CHARACTERISTICS
MCP603 CHIP SELECT (CS) CHARACTERISTICS
FIGURE 1-1:
MCP603 Chip Select (CS)
Timing Diagram.
Electrical Specifications: Unless otherwise indicated, T
A = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, and RL = 100 kΩ to VL, CL = 50 pF, and CS is tied low. (Refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Frequency Response
Gain Bandwidth Product
GBWP
—
2.8
—
MHz
Phase Margin
PM
—
50
—
°
G = +1 V/V
Step Response
Slew Rate
SR
—
2.3
—
V/µs
G = +1 V/V
Settling Time (0.01%)
tsettle
—
4.5
—
µs
G = +1 V/V, 3.8V step
Noise
Input Noise Voltage
Eni
—7
—
µVP-P
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—29
—
nV/
√Hz f = 1 kHz
eni
—21
—
nV/
√Hz f = 10 kHz
Input Noise Current Density
ini
—0.6
—
fA/
√Hz f = 1 kHz
Electrical Specifications: Unless otherwise indicated, T
A = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, and RL = 100 kΩ to VL, CL = 50 pF, and CS is tied low. (Refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—
0.2 VDD
V
CS Input Current, Low
ICSL
-1.0
—
—
µA
CS = 0.2VDD
CS High Specifications
CS Logic Threshold, High
VIH
0.8 VDD
—VDD
V
CS Input Current, High
ICSH
—0.7
2.0
µA
CS = VDD
Shutdown VSS current
IQ_SHDN
-2.0
-0.7
—
µA
CS = VDD
Amplifier Output Leakage in Shutdown
IO_SHDN
—1
—
nA
Timing
CS Low to Amplifier Output Turn-on Time
tON
—3.1
10
µs
CS
≤ 0.2V
DD, G = +1 V/V
CS High to Amplifier Output High-Z Time
tOFF
—100
—
ns
CS
≥ 0.8V
DD, G = +1 V/V, No load.
Hysteresis
VHYST
—0.4
—
V
VDD = 5.0V
CS
tOFF
VOUT
tON
Hi-Z
Hi-Z
IDD
2nA
230 µA
Output Active
ISS
-700 nA
-230 µA
CS
700 nA
2nA
Current
(typical)
(typical)
(typical)
(typical)
(typical)
(typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com