Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLPPI2016-12-R47M-TR Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SLPPI2016-12-R47M-TR
Description  High Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLPPI2016-12-R47M-TR Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SLPPI2016-12-R47M-TR Datasheet HTML 1Page - Bel Fuse Inc. SLPPI2016-12-R47M-TR Datasheet HTML 2Page - Bel Fuse Inc. SLPPI2016-12-R47M-TR Datasheet HTML 3Page - Bel Fuse Inc. SLPPI2016-12-R47M-TR Datasheet HTML 4Page - Bel Fuse Inc. SLPPI2016-12-R47M-TR Datasheet HTML 5Page - Bel Fuse Inc. SLPPI2016-12-R47M-TR Datasheet HTML 6Page - Bel Fuse Inc. SLPPI2016-12-R47M-TR Datasheet HTML 7Page - Bel Fuse Inc. SLPPI2016-12-R47M-TR Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
belfuse.com/signal
SLPPI2016 / SLPPI2520 Series
High Power Inductors
RoHS
Compliant
Signal Transformer is introducing the beginning of a new family of low-profile
high-power inductors (SLPPI) with the release of SLPPI2016/2520. Height
profiles of 1.0 mm to 1.2 mm, small footprints of 2.0 mm x 2.5 mm to 1.6 mm x
2.0 mm and broad range of inductance and current ratings, make them ideal for
a wide range of applications. Due to their magnetic shielding, SLPPI’s can be
located adjacent to sensitive circuits, thus enabling higher density designs.
Molded inductors are robust structures, consisting of a pressed core material
that prevents both air and noise intrusion thereby enhancing its magnetic
performance. They achieve greater inductance and current with less overall
volume for unobtrusive placement between tiny devices. Inductance remains
stable across a wide current range and drops softly above rated currents,
producing power optimization and reliability.
Power inductors are used for a variety of functions including choking, blocking,
attenuating, or filtering high frequency noise in electrical circuits and storing
energy in power converters (DC-DC or AC-DC) and inverters (DC-AC).
General Features
•
Magnetically shielded
•
Low profile
•
Compact design for high density devices
•
Low power loss with reduced DCR
•
Excellent thermal characteristics over working temperature range
•
Wide range of inductance values
•
Operating temperature range greater than most competitors
Specifications
•
Saturation current (I sat): 1.6 A to 7.0 A max. The current which will cause
L0 (zero amperage inductance) to drop approximately 30% typical
•
Temperature rise current (I rms): 1.6 A to 8.0 A max. The current which will
cause a temperature rise of approximately ΔT = 40°C
•
Inductance range: 0.22 μH to 2.2 μH
•
Operating temperature range: -55 °C to +125 °C
•
Inductance tolerance: ±20 %
Applications
•
Notebooks / Laptops / Gaming devices
•
VRM for servers / Storage Systems / Video over IP devices
•
Industrial, Electronic and Telecommunication devices (i.e., mobile phones)
•
Television / LCD panels / Audio equipment / Speakers
•
Power supplies and Modules
•
DC to DC Converters
•
AC to DC Converters


Similar Part No. - SLPPI2016-12-R47M-TR

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLPPI05 BEL-SLPPI05 Datasheet
2Mb / 7P
High Power Inductors
Feb 08 2024
SLPPI05-02 BEL-SLPPI05-02 Datasheet
2Mb / 7P
High Power Inductors
Feb 08 2024
SLPPI05-02-4R7M-TR BEL-SLPPI05-02-4R7M-TR Datasheet
2Mb / 7P
High Power Inductors
Feb 08 2024
SLPPI05-10 BEL-SLPPI05-10 Datasheet
2Mb / 7P
High Power Inductors
Feb 08 2024
SLPPI05-10-4R7M-TR BEL-SLPPI05-10-4R7M-TR Datasheet
2Mb / 7P
High Power Inductors
Feb 08 2024
More results

Similar Description - SLPPI2016-12-R47M-TR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1205 BOURNS-SRR1205 Datasheet
417Kb / 2P
Shielded High Power Inductors
logo
Superworld Electronics
SWDY1008-NC SUPERWORLD-SWDY1008-NC Datasheet
151Kb / 3P
HIGH CURRENT POWER INDUCTORS
logo
EPCOS
HPI13 EPCOS-HPI13_13 Datasheet
287Kb / 4P
High-Power Inductors
logo
Coilcraft lnc.
ML390PZA COILCRAFT-ML390PZA Datasheet
190Kb / 2P
High Reliability Power Inductors
ML410PZA COILCRAFT-ML410PZA Datasheet
199Kb / 2P
High Reliability Power Inductors
ML412PJB COILCRAFT-ML412PJB Datasheet
230Kb / 2P
High-Reliability Power Inductors
ML420PJB COILCRAFT-ML420PJB Datasheet
277Kb / 2P
High-Reliability Power Inductors
ML427PJB COILCRAFT-ML427PJB Datasheet
286Kb / 2P
High-Reliability Power Inductors
ML486PYA COILCRAFT-ML486PYA Datasheet
228Kb / 3P
High-Reliability Power Inductors
logo
TALEMA Group. LLC
HB-6015 TALEMA-HB-6015 Datasheet
331Kb / 2P
High Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com