Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0402HPH-R22XHLW Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0402HPH-R22XHLW
Description  Chip Inductors - 0402HP Series (1005)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402HPH-R22XHLW Datasheet(HTML) 1 Page - Coilcraft lnc.

  0402HPH-R22XHLW Datasheet HTML 1Page - Coilcraft lnc. 0402HPH-R22XHLW Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
UK
Taiwan
China
Singapore
© Coilcraft Inc. 2020
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
AEC
Q200 85°C
+
Halogen
Free
ChipInductors-0402HPSeries(1005)
Document 526 -1
Document 526-1 Revised 03/12/20
• Higher Q and lower DCR than other 0402 inductors
• Very high SRF values – as high as 16 GHz
• Excellent current handling capability – up to 2300 mA
• 54 inductance values from 1.0 to 220 nH
Core material Ceramic
Environmental RoHS compliant, halogen free
Terminations Silver-palladium-platinum-glass frit. Other terminations
available at additional cost.
Weight 0.7 – 1.0 mg
Ambient temperature –40°C to +125°C with
Irms current
Maximum part temperature +140°C (ambient + temp rise).
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 or 5000 per 7
″ reel. Paper tape: 8 mm wide,
0.66 mm thick, 2 mm pocket spacing
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
0
60
50
40
30
20
10
70
80
110
100
1000
10000
Frequency (MHz)
51 nH
39 nH
27 nH
11 nH
2.0nH
68 nH
Typical L vs Frequency
0
60
50
40
30
20
10
70
80
90
100
110
120
110100
1000
10000
Frequency (MHz)
68 nH
51 nH
39 nH
27 nH
11 nH
2.0nH
Typical Q vs Frequency
A
B
overall
C
D
J
F
F
G
H
Recommended
Land Pattern
E
terminal
Terminal wraparound:
approx 0.007/0,18 both ends
I
I
Pick and
place
material
D ref
E
F
G
H
I
J
0.010
0.020
0.008
0.024
0.026
0.014
0.020
inches
0,25
0,51
0,20
0,61
0,66
0,36
0,51
mm
A max2
B (min – max)
C max3
0.043
0.020 – 0.028
0.024
inches
1,09
0,51 – 0,71
0,61
mm
0402HP
A max2
B
C max3
0.044
0.026 ±0.002
0.026
inches
1,12
0,66 ±0,051
0,66
mm
0402HPH
Notes: 1. Unless otherwise indicated, all dimensions are nominal.
2. Length dimension (A) is before optional solder application. Maximum
dimension including solder is 0.045 in / 1.143 mm.
3. Height dimension (C) is before optional solder application. For maxi-
mum height dimension including solder, add 0.006 in / 0,152 mm.
Sample
& buy
Support
& FAQ
Web
page
Tools &
software


Similar Part No. - 0402HPH-R22XHLW

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HPH-R22XGLQ COILCRAFT-0402HPH-R22XGLQ Datasheet
99Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HPH-R22XGLW COILCRAFT-0402HPH-R22XGLW Datasheet
108Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HPH-R22XGLW COILCRAFT-0402HPH-R22XGLW Datasheet
99Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HPH-R22XJLW COILCRAFT-0402HPH-R22XJLW Datasheet
152Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HPH-R22XJLW COILCRAFT-0402HPH-R22XJLW Datasheet
152Kb / 2P
Chip Inductors - 0402HP Series (1005)
More results

Similar Description - 0402HPH-R22XHLW

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH15 ROHM-MCH15 Datasheet
1Mb / 6P
1005(0402)Size chip capacitors
logo
Coilcraft lnc.
0402AF-560XJLW COILCRAFT-0402AF-560XJLW Datasheet
184Kb / 2P
Chip Inductors ??0402AF Series (1005)
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
Chip Inductors ??0402CS (1005)
0402HP-12NXGLW COILCRAFT-0402HP-12NXGLW Datasheet
108Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
Chip Inductors - 0402CS (1005)
0402HP-6N2XGLW COILCRAFT-0402HP-6N2XGLW Datasheet
99Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HP-2N7XJLW COILCRAFT-0402HP-2N7XJLW Datasheet
152Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
Chip Inductors - 0402HP Series (1005)
logo
Bourns Electronic Solut...
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
CD0603/1005 Schottky Barrier Chip Diode Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com