Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB RH74 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LB RH74
Description  Chip LED 0805
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB RH74 Datasheet(HTML) 4 Page - OSRAM GmbH

  LB RH74 Datasheet HTML 1Page - OSRAM GmbH LB RH74 Datasheet HTML 2Page - OSRAM GmbH LB RH74 Datasheet HTML 3Page - OSRAM GmbH LB RH74 Datasheet HTML 4Page - OSRAM GmbH LB RH74 Datasheet HTML 5Page - OSRAM GmbH LB RH74 Datasheet HTML 6Page - OSRAM GmbH LB RH74 Datasheet HTML 7Page - OSRAM GmbH LB RH74 Datasheet HTML 8Page - OSRAM GmbH LB RH74 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LG R971
4 Version 1.3 | 2021-09-28
Characteristics
I
F = 20 mA; TA = 25 °C
Parameter
Symbol
Values
Peak Wavelength
λ
peak
typ.
572 nm
Dominant Wavelength 3)
λ
dom
typ.
570 nm
Spectral Bandwidth at 50% I
rel,max
∆λ
typ.
30 nm
Viewing angle at 50% I
V
2φ
typ.
160 °
Forward Voltage 4)
I
F = 20 mA
V
F
typ.
max.
2.20 V
2.50 V
Reverse current 2)
V
R = 12 V
I
R
typ.
max.
0.02 µA
100 µA
Temperature Coefficient of Peak Wavelength
TC
λpeak
typ.
0.1 nm / K
Temperature Coefficient of Dominant Wavelength
TC
λdom
typ.
0.06 nm / K
Temperature Coefficient of Forward Voltage
TC
VF
typ.
-1.4 mV / K
Real thermal resistance junction/ambient 5)6)
R
thJA real
max.
800 K / W
Real thermal resistance junction/solderpoint 5)
R
thJS real
max.
450 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com