Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC2608BSTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2608BSTRT
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2608BSTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2608BSTRT Datasheet HTML 3Page - Semtech Corporation SC2608BSTRT Datasheet HTML 4Page - Semtech Corporation SC2608BSTRT Datasheet HTML 5Page - Semtech Corporation SC2608BSTRT Datasheet HTML 6Page - Semtech Corporation SC2608BSTRT Datasheet HTML 7Page - Semtech Corporation SC2608BSTRT Datasheet HTML 8Page - Semtech Corporation SC2608BSTRT Datasheet HTML 9Page - Semtech Corporation SC2608BSTRT Datasheet HTML 10Page - Semtech Corporation SC2608BSTRT Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
© 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2608B
(6) The final step is to generate the Bode plot by using
the simulation model in Fig. 4 or using the equations pro-
vided here with Mathcad. The phase margin can then be
checked using the Bode plot.
Applications Information (Cont.)
(5) The compensation capacitor is determined by choos-
ing the compensator zero to be about one fifth of the
output filter corner frequency:
SC2608B soft start time is determined by the
compensation capacitor. Capacitance can be adjusted
to satisfy the soft start requirement.
An example is given below to demonstrate the proce-
dure introduced above.
set to
for suitable soft start time
Fig. 5. Bode plot of the loop
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
50
0
50
100
Loop Gain Mag (dB)
mag i
()
Fi
10
100
1 .10
3
1 .10
4
1 .10
5
1 .10
6
180
135
90
45
0
Loop Gain Phase (Degree)
phase i
()
Fi
set
5
o
zero
F
F
=
zero
F
R
C
•
=
π
2
1
V
in=12V
V
o=2.5V
F
sw=250KHz
I
o=15A
C
i=1nF
C
o=4400uF
R
c=0.009Ω
V
ramp=1V
G
m=0.007A/V
V
bg=0.8V
C=327.95nF
R
c=1.33KΩ
R
c=1.5KΩ
C=100nF
set to
L=2.2uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com