Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4524BEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4524BEVB
Description  16V 2A Step-Down Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524BEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC4524BEVB Datasheet HTML 1Page - Semtech Corporation SC4524BEVB Datasheet HTML 2Page - Semtech Corporation SC4524BEVB Datasheet HTML 3Page - Semtech Corporation SC4524BEVB Datasheet HTML 4Page - Semtech Corporation SC4524BEVB Datasheet HTML 5Page - Semtech Corporation SC4524BEVB Datasheet HTML 6Page - Semtech Corporation SC4524BEVB Datasheet HTML 7Page - Semtech Corporation SC4524BEVB Datasheet HTML 8Page - Semtech Corporation SC4524BEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SC4524B
2
yyww=Date code (Example: 0752)
xxxxx=Semtech Lot No. (Example: E9010)
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC4524BSETRT(1)(2)
SOIC-8 EDP
SC4524BEVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 2,500 devices.
(2) Available in lead-free package only. Device is fully WEEE and RoHS
compliant.
1
2
3
4
BST
SW
7
6
8
5
FB
IN
COMP
ROSC
SS/EN
GND
9
(8 - Pin SOIC - EDP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com