Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C032TM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # DS90C032TM/NOPB
Description  DS90C032 LVDS Quad CMOS Differential Line Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90C032TM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  DS90C032TM/NOPB Datasheet HTML 1Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 2Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 3Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 4Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 5Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 6Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 7Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 8Page - Texas Instruments DS90C032TM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DS90C032
www.ti.com
SNLS094D – JUNE 1998 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
−0.3V to +6V
Input Voltage (RIN+, RIN−)
−0.3V to (VCC +0.3V)
Enable Input Voltage
(EN, EN*)
−0.3V to (VCC +0.3V)
Output Voltage (ROUT)
−0.3V to (VCC +0.3V)
Maximum Package Power Dissipation at +25°C
D Package
1025 mW
NAJ Package
1830 mW
Derate D Package
8.2 mW/°C above +25°C
Derate NAJ Package
12.2 mW/°C above +25°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range Soldering (4 seconds)
+260°C
Maximum Junction Temperature (DS90C032T)
+150°C
Maximum Junction Temperature (DS90C032E)
+175°C
ESD Ratings
(HBM, 1.5 k
Ω, 100 pF)
≥ 3500V
(EIAJ, 0
Ω, 200 pF)
≥ 250V
(1)
"Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the devices should be operated at these limits. The table of "Electrical Characteristics" specifies conditions of device operation.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
unless otherwise specified.
Recommended Operating Conditions
(1) (2)
Min
Typ
Max
Units
Supply Voltage (VCC)
+4.5
+5.0
+5.5
V
Receiver Input Voltage
GND
2.4
V
Operating Free Air Temperature (TA)
DS90C032T
−40
+25
+85
°C
DS90C032E
−55
+25
+125
°C
(1)
"Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the devices should be operated at these limits. The table of "Electrical Characteristics" specifies conditions of device operation.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
unless otherwise specified.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90C032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com