Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C032TMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # DS90C032TMX/NOPB
Description  DS90C032 LVDS Quad CMOS Differential Line Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90C032TMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS90C032TMX/NOPB Datasheet HTML 4Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 5Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 6Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 7Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 8Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 9Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 10Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 11Page - Texas Instruments DS90C032TMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DS90C032
SNLS094D – JUNE 1998 – REVISED APRIL 2013
www.ti.com
quality reasons. First, only an application that requires failsafe biasing needs to employ it. Second, the
amount of failsafe biasing is now an application design parameter and can be custom tailored for the specific
application. In applications in low noise environments, they may choose to use a very small bias if any. For
applications with less balanced interconnects and/or in high noise environments they may choose to boost
failsafe further. TIs LVDS Owner’s Manual provides detailed calculations for selecting the proper failsafe
biasing resistors. Third, the common-mode voltage is biased by the resistors during the un-driven state. This
is selected to be close to the nominal driver offset voltage (VOS). Thus when switching between driven and
un-driven states, the common-mode modulation on the bus is held to a minimum.
For additional Failsafe Biasing information, please refer to Application Note AN-1194 (SNLA051) for more
detail.
The footprint of the DS90C032 is the same as the industry standard 26LS32 Quad Differential (RS-422)
Receiver.
Pin Descriptions
Pin No. (SOIC)
Name
Description
2, 6, 10, 14
RIN+
Non-inverting receiver input pin
1, 7, 9, 15
RIN−
Inverting receiver input pin
3, 5, 11, 13
ROUT
Receiver output pin
4
EN
Active high enable pin, OR-ed with EN*
12
EN*
Active low enable pin, OR-ed with EN
16
VCC
Power supply pin, +5V ± 10%
8
GND
Ground pin
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS90C032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com