Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF548X Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCF548X
Description  MCF548x ColdFire짰 Microprocessor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF548X Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF548X Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF548X Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
PCI Bus
MCF548x ColdFire® Microprocessor, Rev. 4
Freescale Semiconductor
21
Figure 17. DDR Read Timing
10
PCI Bus
The PCI bus on the MCF548x is PCI 2.2 compliant. The following timing numbers are mostly from the PCI 2.2 spec. Please
refer to the PCI 2.2 spec for a more detailed timing analysis.
Table 14. PCI Timing Specifications
Num
Characteristic
Min
Max
Unit
Notes
Frequency of Operation
25
50
MHz
1
P1
Clock Period (tCK)20
40
ns
2
P2
Address, Data, and Command (33
< PCI ≤ 50 Mhz)—Input Setup (t
IS)3.0
—
ns
P3
Address, Data, and Command (0
< PCI ≤ 33 Mhz)—Input Setup (t
IS)7.0
—
ns
P4
Address, Data, and Command (33–50 Mhz)—Output Valid (tDV)—
6.0
ns
3
P5
Address, Data, and Command (0–33 Mhz) - Output Valid (tDV)
—
11.0
ns
P6
PCI signals (0–50 Mhz) - Output Hold (tDH)0
—
ns
4
SDCLK0
SDCLK1
SDCSn,SDWE,
SDDQS
SDDATA
SDADDR,
RAS, CAS
SDBA[1:0]
CMD
ROW
DD1
DD5
DD4
WD1 WD2 WD3 WD4
SDDQS
DD9
SDCLK0
SDCLK1
DD3
DD2
SDDATA
WD1 WD2 WD3 WD4
DD10
CL=2
CL=2.5
COL
DQS Read
Preamble
DQS Read
Postamble
DQS Read
Preamble
DQS Read
Postamble



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com