Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA145UA/2K5 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA145UA/2K5
Description  Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA145UA/2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA145UA/2K5 Datasheet HTML 5Page - Texas Instruments INA145UA/2K5 Datasheet HTML 6Page - Texas Instruments INA145UA/2K5 Datasheet HTML 7Page - Texas Instruments INA145UA/2K5 Datasheet HTML 8Page - Texas Instruments INA145UA/2K5 Datasheet HTML 9Page - Texas Instruments INA145UA/2K5 Datasheet HTML 10Page - Texas Instruments INA145UA/2K5 Datasheet HTML 11Page - Texas Instruments INA145UA/2K5 Datasheet HTML 12Page - Texas Instruments INA145UA/2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
®
INA145
FIGURE 2. Optional Offset Trim Circuit.
FIGURE 3. Measuring Current with Shunt Resistor.
OFFSET TRIM
The INA145 is laser-trimmed for low offset voltage and
drift. Most applications require no external offset adjust-
ment. Figure 2 shows an optional circuit for trimming the
offset voltage. A voltage applied to the Ref terminal will
be summed with the output signal. This can be used to null
offset voltage. To maintain good common-mode rejection,
the source impedance of a signal applied to the Ref
terminal should be less than 10
Ω and a resistor added to
the positive input terminal should be 10 times that, or
100
Ω. Alternatively, the trim voltage can be buffered with
an op amp such as the OPA277.
INPUT IMPEDANCE
The input impedance of the INA145 is determined by the
input resistor network and is approximately 40k
Ω. The
source impedance at the two input terminals must be nearly
equal to maintain good common-mode rejection. A 5
Ω
mismatch in impedance between the two inputs will cause
the typical common-mode rejection to be degraded to ap-
proximately 72dB. Figure 7 shows a common application
measuring power supply current through a shunt resistor.
The source impedance of the shunt resistor, RS, is balanced
by an equal compensation resistor, RC.
Source impedances greater than 300
Ω are not recommended,
even if they are perfectly matched. Internal resistors are laser
trimmed for accurate ratios, not to absolute values. Adding
equal resistors greater than 300
Ω can cause a mismatch in
the total resistor ratios, degrading CMR.
V
O = 100 ILRS
G = 100
+5V
8V
+7V
12V
+10V
18V
+15V
28V
V+
+5V
1
4
8
Load
R
G2
1M
Ω
10k
Ω
INA145
5
7
6
2
3
R
S
1
Ω
V
B
I
L
V+
Max V
B
R
G1
10.2k
Ω
V
IN
V
O
1
A1
V
IN
10
Ω
10k
Ω
Offset Adjustment Range =
±15mV, RTI
(
±1.5mV at pin 1)
R
T
100k
Ω
10
Ω
100k
Ω
+15V
V
O1
–15V
40k
Ω
40k
Ω
40k
Ω
10k
Ω
A2
40k
Ω
5
6
NOTE: Increasing the trim resistor
R
T will decrease the trim range
INA145
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com