Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI2127EVAL1 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI2127EVAL1
Description  PI2127EVAL1 60V/12A FullFunction High Side Active ORing
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2127EVAL1 Datasheet(HTML) 3 Page - Vicor Corporation

  PI2127EVAL1 Datasheet HTML 1Page - Vicor Corporation PI2127EVAL1 Datasheet HTML 2Page - Vicor Corporation PI2127EVAL1 Datasheet HTML 3Page - Vicor Corporation PI2127EVAL1 Datasheet HTML 4Page - Vicor Corporation PI2127EVAL1 Datasheet HTML 5Page - Vicor Corporation PI2127EVAL1 Datasheet HTML 6Page - Vicor Corporation PI2127EVAL1 Datasheet HTML 7Page - Vicor Corporation PI2127EVAL1 Datasheet HTML 8Page - Vicor Corporation PI2127EVAL1 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
picorpower.com
PI2127­EVAL1 User Guide
Rev. 1.0
Page 3 of 9
Figure 2: PI2127‐EVAL1 Evalua on Board schema c.
Item
Reference Designator
Value
Descrip on
Footprint
Manufacturer
1
C1, C2, C3, C4
Not Installed
MLCC, X7R,1uF,50V
1206
2
C5
22uF
Electroly c 22uF,100V
Panasonic _E/F
Panasonic
3
C6
2.2uF
MLCC 2.2uF,100V
1812
4
D1, D2
LTST‐C191CKT
LED, Red
0603 LED
Lite‐On
5
D3, D4
BZX384‐B6V8
Zener, 6.8V,300mW
SOD‐323
NXP
6
EN1, EN2,
1,
2, VL1,
VL2
1528
Turret Test point
TURRET ‐ 1528
Keystone
Electronics
7
Vin1+, Vin1‐, Vin2+, Vin2‐,
Vout+, Vout‐
1502
Turret Test point
TURRET ‐ 1502
Keystone
Electronics
8
Q1, Q2
FJV1845
NPN,120V,50mA
SOT‐23
Fairchild
9
R1, R2
Not Installed
1206
10
R3, R4
2.8K
Resistor,2.8K,1%
0603
11
R5, R6
1.5K
Resistor,1.5K,1%
0603
12
R7, R8
100K
Resistor,100K,1%
0805
13
U1, U2
PI2127‐01‐LGIZ
12A 60V Full‐Func on
Cool‐ORing® Solu on
7mm x 8mm 17 pin
PICOR
Table 2: Complete PI2127‐EVAL1 Evalua on Board Bill of Material



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com