Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XHS35F-87-R1-SS-12GC Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # XHS35F-87-R1-SS-12GC
Description  3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-87-R1-SS-12GC Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  XHS35F-87-R1-SS-12GC Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-12GC Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-12GC Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-12GC Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-12GC Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-12GC Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-12GC Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
Dimensions in inches
DIMENSIONS
0,55
0,07
1,68
1,04
3,52
3
1,003
1,001
3x10-32 UNF-2B
0.38 deep
(x120°)
SM18
SHEET 1 OF 1
M176
A
HS35_100_SM18
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
13/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 13/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
0,55
0,07
1,68
1,18
0.28 +0.078/0 for Analog and SSi Connection
0.29 +/-0.039 for Parrallel 16 wires Connection
0.33 +/-0.039 for Parrallel 20 wires Connection
3,52
3
1,003
1,001
3x10-32 UNF-2B
0.38 deep
(x120°)
SHEET 1 OF 1
M187
A
HS35_100_SC3
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
10/07/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 10/07/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
0,07
1,67
0,61
1,08
1,80 max.
Shaft penetration
3,52
3
3x10-32 UNF-2B
0.38 deep
(x120°)
SM12
0,627
0,625
SHEET 1 OF 1
M178
A
HS35_BS_062_SM12
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
13/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 13/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
0,07
1,67
0,61
1,08
1,80 max.
Shaft penetration
3,52
3
3x10-32 UNF-2B
0.38 deep
(x120°)
SM12
0,627
0,625
SHEET 1 OF 1
M178
A
HS35_BS_062_SM12
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
13/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 13/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
MS Connector Termination
Cable Terminations
M12 Connector Terminations
0,5
0,88
0,38
3,52
15°
1,39 to 1,60
SHEET 1 OF 1
M180
A
M9500/134 on
HS35_100_SM18
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
14/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 14/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
0,5
0,88
0,38
3,52
15°
1,39 to 1,60
SHEET 1 OF 1
M180
A
M9500/134 on
HS35_100_SM18
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
14/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 14/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
R1 Tether Block and Pin
3,0
1,0
15°
15°
1,12
0,015
SHEET 1 OF 1
M180
A
M9500/134 on
HS35_100_SM18
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
14/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 14/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
3,0
1,0
15°
15°
1,12
0,015
SHEET 1 OF 1
M180
A
M9500/134 on
HS35_100_SM18
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
14/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 14/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
R2 Tether Arm
Note: The typical hollow shaft product is supported by, and clamped to, the driving shaft. A
flexible tether is used to keep the housing from rotating.
CONNECTION DIMENSIONS
SM16
SM14
0,787
SM18
SM18
2,09
SM12
SM18
Toute copie et divulgation mêmes partielles sont RESERVEES et INTERDITES - copy and divulgation even partially are reserved and forbidden
Désignation / Title :
Référence / Part number :
Tolérances générales /
General tolerances :
Matière / Material :
Type de plan / Drawing classification :
Plan / drawing :
Echelle / scale :
Revision :
Etabli par / drawn by :
Espace Européen de l'Entreprise 9, rue de Copenhague
BP 70044 SCHILTIGHEIM 67013 STRASBOURG CEDEX
tel : +33 (0)3 88 20 81 00 - @ : www.sensata.com
1/1
A
Plan de Définition
Dossier / File :
-
Approuvé / Approved :
Dimensions
Angles
+/-0.5°
Première émission / First release
Creation :
+/-0.1mm
-
-
Modifications :
-
0,55
0,07
1,68
0,9
3,52
3
1,003
1,001
3x10-32 UNF-2B
0.38 deep
(x120°)
SM14/19
SHEET 1 OF 1
M186
A
HS35_100_SM14/19
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
10/07/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 10/07/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
SM16
SM14
0,787
SM18
SM18
2,09
SM12
SM18
Toute copie et divulgation mêmes partielles sont RESERVEES et INTERDITES - copy and divulgation even partially are reserved and forbidden
Désignation / Title :
Référence / Part number :
Tolérances générales /
General tolerances :
Matière / Material :
Type de plan / Drawing classification :
Plan / drawing :
Echelle / scale :
Revision :
Etabli par / drawn by :
Espace Européen de l'Entreprise 9, rue de Copenhague
BP 70044 SCHILTIGHEIM 67013 STRASBOURG CEDEX
tel : +33 (0)3 88 20 81 00 - @ : www.sensata.com
1/1
A
Plan de Définition
Dossier / File :
-
Approuvé / Approved :
Dimensions
Angles
+/-0.5°
Première émission / First release
Creation :
+/-0.1mm
-
-
Modifications :
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com