Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC14DS080 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADC14DS080
Description  ADC14DS080 Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14DS080 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC14DS080 Datasheet HTML 20Page - Texas Instruments ADC14DS080 Datasheet HTML 21Page - Texas Instruments ADC14DS080 Datasheet HTML 22Page - Texas Instruments ADC14DS080 Datasheet HTML 23Page - Texas Instruments ADC14DS080 Datasheet HTML 24Page - Texas Instruments ADC14DS080 Datasheet HTML 25Page - Texas Instruments ADC14DS080 Datasheet HTML 26Page - Texas Instruments ADC14DS080 Datasheet HTML 27Page - Texas Instruments ADC14DS080 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
ADC14DS080
SNAS428B – SEPTEMBER 2007 – REVISED APRIL 2013
www.ti.com
TEST
When this signal is asserted high, a fixed test pattern (10100110001110 msb->lsb) is sourced at the data
outputs. When low, the ADC is in normal operation. The user may specify a custom test pattern via the serial
control interface.
NOTE
This signal has no effect when SPI_EN is high and the SPI interface is enabled.
WAM
In dual-lane mode only, when this signal is at logic-0 the serial data words are offset by half-word. With this
signal at logic-1 the serial data words are aligned with each other. In single lane mode this pin must be set to
logic-0.
NOTE
This signal has no effect when SPI_EN is high and the SPI interface is enabled.
SPI_EN
The SPI interface is enabled when this signal is asserted high. In this case the direct control pins (OF/DCS,
PD_A, PD_B, DLC, WAM, TEST) have no effect. When this signal is deasserted, the SPI interface is disabled
and the direct control pins are enabled.
SCSb, SDI, SCLK
These pins are part of the SPI interface. See Serial Control Interface for more information.
DIGITAL OUTPUTS
Digital outputs consist of six LVDS signal pairs (SD0_A, SD1_A, SD0_B, SD1_B, OUTCLK, FRAME) and CMOS
logic outputs ORA, ORB, DLL_Lock, and SDO.
LVDS Outputs
The digital data for each channel is provided in a serial format. Two modes of operation are available for the
serial data format. Single-lane serial format (shown in Figure 2 ) uses one set of differential data signals per
channel. Dual-lane serial format (shown in Figure 3) uses two sets of differential data signals per channel in
order to slow down the data and clock frequency by a factor of 2. At slower rates of operation (typically below 65
MSPS) the single-lane mode may the most efficient to use. At higher rates the user may want to employ the
dual-lane scheme. In either case DDR-type clocking is used. For each data channel, an overrange indication is
also provided. The OR signal is updated with each frame of data.
ORA, ORB
These CMOS outputs are asserted logic-high when their respective channel’s data output is out-of-range in
either high or low direction.
DLL_Lock
When the internal DLL is locked to the input CLK, this pin outputs a logic high. If the input CLK is changed
abruptly, the internal DLL may become unlocked and this pin will output a logic low. Cycle Reset_DLL to re-lock
the DLL to the input CLK.
SDO
This pin is part of the SPI interface. See Serial Control Interface for more information.
24
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC14DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com