Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCR3DM18A Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TCR3DM18A
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM18A Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TCR3DM18A Datasheet HTML 5Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 6Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 7Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 8Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 9Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 10Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 11Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 12Page - Toshiba Semiconductor TCR3DM18A Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TCR3DMxxA series
2024-10-28
Rev.5.0
© 2023-2024
Toshiba Electronic Devices & Storage Corporation
9
12.
Representation Typical Characteristics (Note)
12.1.
Output Voltage vs. Output Current
(VIN = VOUT + 1.0 V)
0.9
0.95
1
1.05
1.1
0
100
200
300
Output Current (mA)
V
OUT = 1.0 V
85°C
25°C
-40°C
2.4
2.45
2.5
2.55
2.6
0
100
200
300
Output Current (mA)
V
OUT = 2.5 V
85°C
25°C
-40°C
4.3
4.4
4.5
4.6
4.7
0
100
200
300
Output Current (mA)
V
OUT = 4.5 V
85°C
25°C
-40°C
Note: The above characteristics curves are presented for reference only and not guaranteed by
production test, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com