Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCR2LE095 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCR2LE095
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2LE095 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCR2LE095 Datasheet HTML 1Page - Toshiba Semiconductor TCR2LE095 Datasheet HTML 2Page - Toshiba Semiconductor TCR2LE095 Datasheet HTML 3Page - Toshiba Semiconductor TCR2LE095 Datasheet HTML 4Page - Toshiba Semiconductor TCR2LE095 Datasheet HTML 5Page - Toshiba Semiconductor TCR2LE095 Datasheet HTML 6Page - Toshiba Semiconductor TCR2LE095 Datasheet HTML 7Page - Toshiba Semiconductor TCR2LE095 Datasheet HTML 8Page - Toshiba Semiconductor TCR2LE095 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TCR2LF series, TCR2LE series
2014-11-06
4
Electrical Characteristics
(
Unless otherwise specified,
VIN = VOUT+1 V (VOUT>1.5V), VIN=2.5V (VOUT≤1.5V), IOUT = 50 mA, CIN = 0.1 μF, COUT = 0.1 μF)
Characteristics
Symbol
Test Condition
Tj = 25°C
Tj = -40 to 85°C
Unit
Min
Typ.
Max
Min
Max
Output voltage accuracy
VOUT
IOUT = 50 mA
(Note 4)
VOUT <1.8 V
-18
―
+18
―
―
mV
1.8V ≤ VOUT
-1.0
―
+1.0
―
―
%
Input voltage
VIN
IOUT = 1 mA
1.5
―
5.5
1.5
5.5
V
Line regulation
Reg・line
VOUT + 0.5 V ≤ VIN ≤ 5.5 V,
IOUT = 1 mA
―
1
15
―
―
mV
Load regulation
Reg・load
1 mA ≤ IOUT ≤ 150 mA
―
15
30
―
―
mV
Quiescent current
IB
IOUT = 0 mA (Note 5)
―
1.0
―
―
2.0
μA
Stand-by current
IB (OFF)
VCT = 0 V
―
0.1
―
―
1.0
μA
Control pull down current
ICT
―
―
0.1
―
―
―
μA
Drop-out voltage
VIN-VOUT
IOUT = 150 mA
VOUT = 1.8V
―
370
―
―
620
mV
VOUT = 3.0V
―
220
―
―
300
mV
Temperature coefficient
TCVO
−40°C ≤ Topr
≤85°C
―
75
―
―
―
ppm/°C
Control voltage (ON)
VCT (ON)
―
1.0
―
5.5
1.0
5.5
V
Control voltage (OFF)
VCT (OFF)
―
0
―
0.4
0
0.4
V
Discharge on resistance
RSD
―
―
20
―
―
―
Ω
Note 4: Stable state with fixed IOUT condition
Note 5: Except Control pull down current
Drop-out voltage
(IOUT = 150 mA, CIN = 0.1 μF, COUT = 0.1 μF, Tj = 25°C)
Output voltages
Symbol
Min
Typ.
Max(Note 6)
Unit
0.8 V <= VOUT < 0.9 V
VIN-VOUT
―
1020
1580
mV
0.9 V <= VOUT < 1.0 V
―
940
1480
1.0 V <= VOUT < 1.1 V
―
860
1400
1.1 V <= VOUT < 1.2 V
―
780
1300
1.2 V <= VOUT < 1.3 V
―
700
1250
1.3 V <= VOUT < 1.6 V
―
620
1130
1.6 V <= VOUT < 1.8 V
―
470
860
1.8 V <= VOUT < 2.0 V
―
370
620
2.0 V <= VOUT < 2.5 V
―
320
560
2.5 V <= VOUT < 3.0 V
―
270
380
3.0 V <= VOUT <= 3.6 V
―
220
300
Note 6:
Tj = -40 to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com