Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS7882IPFBT Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 15Page - Texas Instruments ADS7882IPFBT Datasheet HTML 16Page - Texas Instruments ADS7882IPFBT Datasheet HTML 17Page - Texas Instruments ADS7882IPFBT Datasheet HTML 18Page - Texas Instruments ADS7882IPFBT Datasheet HTML 19Page - Texas Instruments ADS7882IPFBT Datasheet HTML 20Page - Texas Instruments ADS7882IPFBT Datasheet HTML 21Page - Texas Instruments ADS7882IPFBT Datasheet HTML 22Page - Texas Instruments ADS7882IPFBT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
ANALOG INPUT
DIGITAL INTERFACE
TIMING AND CONTROL
READING DATA
READING THE DATA IN BYTE MODE
ADS7882
www.ti.com ........................................................................................................................................................................................... SLAS630 – DECEMBER 2008
PRINCIPLES OF OPERATION (continued)
When the converter enters hold mode, the voltage difference between the +IN and -IN inputs is captured on the
internal capacitor array. The voltage on the –IN input is limited to between –0.2 V and 0.2 V, thus allowing the
input to reject a small signal which is common to both the +IN and -IN inputs. The +IN input has a range of –0.2
V to (+Vref +0.2 V). The input span (+IN – (–IN)) is limited from 0 V to VREF.
The input current on the analog inputs depends upon a number of factors: sample rate, input voltage, signal
frequency, and source impedance. Essentially, the current into the ADS7882 charges the internal capacitor array
during the sample period. After this capacitance has been fully charged, there is no further input current (this
may not happen when a signal is moving continuously). The source of the analog input voltage must be able to
charge the input capacitance (27 pF) to better than a 12-bit settling level with a step input within the acquisition
time of the device. The step size can be selected equal to the maximum voltage difference between two
consecutive samples at the maximum signal frequency. (Refer to Figure 35 for the suggested input circuit.) When
the converter goes into hold mode, the input impedance is greater than 1 G
Ω.
Care must be taken regarding the absolute analog input voltage. To maintain the linearity of the converter, both
–IN and +IN inputs should be within the limits specified. Outside of these ranges, the converter's linearity may
not meet specifications.
Care should be taken to ensure that +IN and -IN see the same impedance to the respective sources. (For
example, both +IN and –IN are connected to a decoupling capacitor through a 21-
Ω resistor as shown in
Figure 35.) If this is not observed, the two inputs could have different settling times. This may result in an offset
error, gain error, or linearity error which changes with temperature and input voltage.
Refer to the SAMPLING AND CONVERSION START section and the CONVERSION ABORT section.
The ADS7882 outputs full parallel data in straight binary format as shown in Table 1. The parallel output is active
when CS and RD are both low. There is a minimal quiet sampling period requirement around the falling edge of
CONVST as stated in the timing requirements section. Data reads or bus three-state operations should not be
attempted within this period. Any other combination of CS and RD 3-states the parallel output. Refer to Table 1
for ideal output codes.
Table 1. Ideal Input Voltages and Output Codes(1)
DESCRIPTION
ANALOG VALUE
BINARY CODE
HEX CODE
Full scale
Vref – 1 LSB
1111 1111 1111
FFF
Midscale
Vref/2
1000 0000 0000
800
Midscale – 1 LSB
Vref/2 – 1 LSB
0111 1111 1111
7FF
Zero
0 V
0000 0000 0000
000
(1)
Full-scale range = Vref and least significant bit (LSB) = Vref/4096
The output data appears as a full 12-bit word (D11–D0) on pins DB11–DB0 (MSB–LSB) if BYTE is low.
The result can also be read on an 8-bit bus for convenience by using pins DB11–DB4. In this case two reads are
necessary; the first as before, leaving BYTE low and reading the 8 most significant bits on pins DB11–DB4, and
then bringing BYTE high. When BYTE is high, the lower bits (D3–D0) followed by all zeros are on pins
DB11–DB4 (refer to Table 2).
These multi-word read operations can be performed with multiple active RD signals (toggling) or with RD tied low
for simplicity.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com