Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCR2LE20 Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TCR2LE20
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2LE20 Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TCR2LE20 Datasheet HTML 8Page - Toshiba Semiconductor TCR2LE20 Datasheet HTML 9Page - Toshiba Semiconductor TCR2LE20 Datasheet HTML 10Page - Toshiba Semiconductor TCR2LE20 Datasheet HTML 11Page - Toshiba Semiconductor TCR2LE20 Datasheet HTML 12Page - Toshiba Semiconductor TCR2LE20 Datasheet HTML 13Page - Toshiba Semiconductor TCR2LE20 Datasheet HTML 14Page - Toshiba Semiconductor TCR2LE20 Datasheet HTML 15Page - Toshiba Semiconductor TCR2LE20 Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TCR2LF series, TCR2LE series
2014-11-06
12
9) Control Transient vs. Response
Output Current IOUT (mA)
VOUT=3.6V
IOUT = 1mA
2.0
1.0
0
1.0
0
2.0
Time t (100 μs/div)
IOUT = 150mA
VOUT=0.8V
VOUT=1.8V
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 0.1 μF
IOUT = 1mA
1.0
0.5
0
1.0
0
2.0
Time t (100 μs/div)
IOUT = 150mA
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 0.1 μF
VOUT=3.6V
VIN = 4.6 V,
CIN = 0.1 μF, COUT = 0.1 μF
IOUT = 1mA
IOUT = 150mA
Time t (100 μs/div)
0
2.0
4.0
0
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com