Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COMPACT-808 Datasheet(PDF) 3 Page - Coherent Corp

Part # COMPACT-808
Description  Industrial High Power Diode Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPACT-808 Datasheet(HTML) 3 Page - Coherent Corp

  COMPACT-808 Datasheet HTML 1Page - Coherent Corp COMPACT-808 Datasheet HTML 2Page - Coherent Corp COMPACT-808 Datasheet HTML 3Page - Coherent Corp COMPACT-808 Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
AVAILABLE ACCESSORIES
COLLIMATORS
FIXED OPTICS
FIXED OPTICS
WITH INTEGRATED
PYROMETER
SCANNER OPTICS
The collimator is optimized to the
requirements of Compact Series
diode laser optical specifications: It
is available with different collimating
focal length for SMA and QBH fiber
connector.
The processing head with fixed spot
size is used for soldering or contour
welding. Different focal length
allow a wide variation of spot sizes
to meet the requirements of the
application.
The processing head with integrated
pyrometer is used for non-contact
measuring of the work piece
temperature and enables closed
loop temperature control.
A powerful software package allows
processes documentation and
optimization.
Scanner optics is used for quasi-
simultaneous welding. A broad
variation of spot sizes and scanning
fields are available to meet the
requirements of the application.
SCANNER OPTICS
WITH INTEGRATED
PYROMETER
OPTICS FOR RADIAL
WELDING
OPTICS FOR RADIAL
WELDING WITH
INTEGRATED
PYROMETER
LINE OPTICS
The processing head enables
quasi-simultaneous welding with
the advantage of closed loop
temperature control.
The processing head enables
simultaneous welding of a radial
symmetrical component without
rotating part or optics. Customer
specific, dimensioning and optical
set up can be optimized to the
welding geometry.
The processing head enables
quasi-simultaneous welding of a
radial symmetrical component with
the advantage of closed loop
temperature control. The
programmable servomotor allows
the welding without rotating the
part.
Line optics are used for applications
that require a rectangular or square
spot. Customized optical layouts
allow a wide variation of different
focci.
Compact Series 808
All processing heads are available with SMA or QBH fiber connector.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com