Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS210 Datasheet(PDF) 38 Page - TT Electronics.

Part # FS210
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS210 Datasheet(HTML) 38 Page - TT Electronics.

Back Button FS210 Datasheet HTML 32Page - TT Electronics. FS210 Datasheet HTML 33Page - TT Electronics. FS210 Datasheet HTML 34Page - TT Electronics. FS210 Datasheet HTML 35Page - TT Electronics. FS210 Datasheet HTML 36Page - TT Electronics. FS210 Datasheet HTML 37Page - TT Electronics. FS210 Datasheet HTML 38Page - TT Electronics. FS210 Datasheet HTML 39Page - TT Electronics. FS210 Datasheet HTML 40Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 38
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Recommended Reflow Profile
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
8 minutes max.
150 °C
200 °C
60-120 seconds
217 °C
Tp
TL
Time
260 °C
Tc =specifiedclassificationtemperature
The peak temperature must not exceed 260 °C.
The time above 255 °C must not exceed 30 seconds.
Liquidous
temperature
60-150 seconds
Figure 18. Recommended reflow profile at MSL-4 rating.
Shelf Life
All parts are shipped in Moisture Barrier Bags with desiccant to protect them against ambient moisture in the environment.
The parts can be stored in their original, unopened bags for 12 months at < 40°C, < 90% RH, after which, their shelf life will
have been exceeded.
Floor Life
The FS210 and FS310 parts have been qualified for Moisture Sensitivity Level 4. Once the Moisture Barrier Bags have been
opened in an ≤ 30°C/60% RH manufacturing environment, the parts must be soldered within 72 hours, after which, their
floor life will have been exceeded.
Rebaking Instructions
All parts that exceed the shelf life or floor life must be rebaked using one of the following options:
•
125°C for 4 hours, < 5% RH
•
85°C for 18 hours, < 5% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com