Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A6902D Datasheet(PDF) 1 Page - STMicroelectronics

Part # A6902D
Description  Up to 1A step down switching regulator with adjustable current limit for automotive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6902D Datasheet(HTML) 1 Page - STMicroelectronics

  A6902D Datasheet HTML 1Page - STMicroelectronics A6902D Datasheet HTML 2Page - STMicroelectronics A6902D Datasheet HTML 3Page - STMicroelectronics A6902D Datasheet HTML 4Page - STMicroelectronics A6902D Datasheet HTML 5Page - STMicroelectronics A6902D Datasheet HTML 6Page - STMicroelectronics A6902D Datasheet HTML 7Page - STMicroelectronics A6902D Datasheet HTML 8Page - STMicroelectronics A6902D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2007
Rev 2
1/12
12
A6902D
Up to 1A step down switching regulator with adjustable
current limit for automotive applications
Features
■ Qualified following the AEC-Q100
requirements (temperature Grade 3), see
PPAP for more details.
■ Temperature range -40°C to 85°C
■ Up to 1A DC output current
■ Operating input voltage from 8V to 36V
■ Output voltage adjustable from 1.235V to 35V
■ Precise 3.3V (±2%) reference voltage
■ 250kHz Internally fixed frequency
■ Voltage feedforward
■ Zero load current operation
■ Internal current limiting
■ Protection against feedback disconnection
■ Thermal shutdown
Applications
■ Dedicated to automotive applications
■ Adjustable current generator
■ Simple step-down converters with adjustable
current limit
Figure 1.
Typical application
Description
The A6902D is a complete and simple step down
switching regulator with adjustable current limit,
capable to deliver up to 1A at output voltages from
1.2V to 35V. The internal robust P-channel DMOS
transistor with a typical of 250m
Ω assures high
efficiency and a minimum dropout even at high
output current level. The internal fixed switching
frequency of 250kHz, and the SO-8 package pin
allow to built an ultra compact DC/ DC converter
with a minimum board space.
SO-8
R1
5.6kO
R2
3.3kO
R3
5.1kO
Rsense
100mO
C1
10µF
35V
C2
22nF
C3
220pF
C4
100µF
10V
L1 22µH
D1
STPS340U
L6902D
VCC
VREF
COMP
GND
FB
OUT
CS+
CS-
VIN=8V to 36V
VOUT=3.3V
VIN=8V to 36V
R1
5.6kO
R2
3.3kO
R3
5.1kO
Rsense
100mO
C1
10µF
35V
C2
22nF
C3
220pF
C4
100µF
10V
L1 22µH
D1
STPS340U
L6902D
VCC
VREF
COMP
GND
FB
OUT
CS+
CS-
VIN=8V to 36V
VOUT=3.3V
VIN=8V to 36V
www.st.com


Similar Part No. - A6902D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6902D STMICROELECTRONICS-A6902D Datasheet
159Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
02-May-2008
A6902D STMICROELECTRONICS-A6902D Datasheet
264Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
28-Aug-2008
A6902D13TR STMICROELECTRONICS-A6902D13TR Datasheet
159Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
02-May-2008
A6902D13TR STMICROELECTRONICS-A6902D13TR Datasheet
264Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
28-Aug-2008
A6902D STMICROELECTRONICS-A6902D_08 Datasheet
159Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
02-May-2008
More results

Similar Description - A6902D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
UP TO 1A STEP DOWN SWITCHING REGULATOR
May-2003
L6902D STMICROELECTRONICS-L6902D Datasheet
89Kb / 6P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Jun-2002
L6902D STMICROELECTRONICS-L6902D_04 Datasheet
129Kb / 7P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Oct-2004
L5970D STMICROELECTRONICS-L5970D_07 Datasheet
260Kb / 16P
Up to 1A step down switching regulator
26-Jan-2007
L5970D_0710 STMICROELECTRONICS-L5970D_0710 Datasheet
270Kb / 16P
Up to 1A step down switching regulator
16-Oct-2007
A6902D STMICROELECTRONICS-A6902D_08 Datasheet
159Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
02-May-2008
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
Up to 1 A step down switching regulator for automotive applications
27-Aug-2008
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A6902D_0808 STMICROELECTRONICS-A6902D_0808 Datasheet
264Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
28-Aug-2008
E-L5970D STMICROELECTRONICS-E-L5970D Datasheet
285Kb / 16P
Up to 1A step down switching regulator
16-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com