Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD1477 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD1477
Description  RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1477 Datasheet(HTML) 6 Page - STMicroelectronics

  SD1477 Datasheet HTML 1Page - STMicroelectronics SD1477 Datasheet HTML 2Page - STMicroelectronics SD1477 Datasheet HTML 3Page - STMicroelectronics SD1477 Datasheet HTML 4Page - STMicroelectronics SD1477 Datasheet HTML 5Page - STMicroelectronics SD1477 Datasheet HTML 6Page - STMicroelectronics SD1477 Datasheet HTML 7Page - STMicroelectronics SD1477 Datasheet HTML 8Page - STMicroelectronics SD1477 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SD1477
6/9
Table 7. Test Circuit
Figure 8. Test Circuit
C1, C2
Arco 462 5 - 80pF
C3, C4
Unelco 100pF, 350V
C5, C6
Unelco 120pF, 350V
C7, C8
Arco 463 9 - 180pF
C9, C12
Unelco 1000pF, 350V
C10
Erie .15µF, 200V Red Cap
C11
25µF, 25V Electrolytic
C13
10µF, 25V Electrolytic
L1
1 Turn, #12, 1/4" I.D.
L2, L3
1/2" 50
Ω Stripline (.180" Wide)
L4
1/8" Thick Copper Strap 1/4" Wide
RCF1
1 1/2 Turns on Ferroxcube VK200/19-B
RCF2
4 Turn #16 Enamel, 3/8" I.D., 3/8" Long
RCF3
4 Turns #16 Enamel on T50-2 Torroid
Board Material
3M-K6098, 1/16" Thick



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com