Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TB310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TB310
Description  3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TB310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TB310 Datasheet HTML 1Page - List of Unclassifed Manufacturers TB310 Datasheet HTML 2Page - List of Unclassifed Manufacturers TB310 Datasheet HTML 3Page - List of Unclassifed Manufacturers TB310 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TB305 – TB3100
Rev. A/JJ 2007-06-10
3.0A SINGLE-PHASE SILICON
BRIDGE RECTIFIER
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
3.0A Single-Phase Silicon Bridge Rectifier
Features
• High forward surge current capability
• Ideal for printed circuit board
• High temperature soldering guaranteed:
260°C/10 seconds, at 5 lbs. (2.3kg) tension
• RoHS Compliant
Mechanical Data
Case:
Molded plastic body
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Lead solderable per MIL-STD-202E, Method 208C
Polarity:
Hole thru for #6 screw
Weight:
0.093 ounce, 2.62 grams
Maximum Ratings & Electrical Characteristics (TAmbient=25ºC unless noted)
Note:
1. 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method)
Symbol
Description
TB305
TB31
TB32
TB34
TB36
TB38
TB310
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IO(AV)
Maximum Average Forward
Rectified Current
3.0
A
TA=50°C
IFSM
Peak Forward Surge Current
60
A
Note
VF
Maximum Forward Voltage
1.0
V
IO=1.5A
5.0
TA = 25 °C
IR
Maximum Reverse Current at
Rated DC Blocking Voltage
per element
100
uA
TA =100 °C
TJ
Operating Temperature Range
-55 to +125
° C
TSTG
Storage Temperature Range
-55 to +150
° C
TB3


Similar Part No. - TB310

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB310 TAITRON-TB310 Datasheet
174Kb / 4P
3.0A Single-Phase Silicon Bridge Rectifier
logo
PETERMANN-TECHNIK
TB310 PETERMANN-TB310 Datasheet
689Kb / 2P
THT QUARTZ CRYSTAL SERIES TB
logo
Diodes Incorporated
TB3100H DIODES-TB3100H Datasheet
184Kb / 4P
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
logo
Lite-On Technology Corp...
TB3100H LITEON-TB3100H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB3100H DIODES-TB3100H Datasheet
76Kb / 4P
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
More results

Similar Description - TB310

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC1005 SEMTECH-KBPC1005 Datasheet
120Kb / 2P
3.0A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300 WTE-KBPC300_06 Datasheet
43Kb / 4P
3.0A SINGLE-PHASE BRIDGE RECTIFIER
KBPC300G WTE-KBPC300G_06 Datasheet
45Kb / 4P
3.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB305 TAITRON-TB305 Datasheet
174Kb / 4P
3.0A Single-Phase Silicon Bridge Rectifier
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
SMC Diode Solutions Co....
UG3KB05 SMCDIODE-UG3KB05 Datasheet
413Kb / 5P
Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. A
UG3KB05G SMCDIODE-UG3KB05G Datasheet
362Kb / 5P
Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. -
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com