Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCF1/2S Datasheet(PDF) 2 Page - TT Electronics.

Part # GCF1/2S
Description  General Purpose Carbon Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GCF1/2S Datasheet(HTML) 2 Page - TT Electronics.

  GCF1/2S Datasheet HTML 1Page - TT Electronics. GCF1/2S Datasheet HTML 2Page - TT Electronics. GCF1/2S Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Construction
A carbon film is deposited onto a ceramic former. Plated steel caps are then fitted before the resistor is adjusted to value by a helical
cut in the film. Termination wires are then welded to the caps and the body of the resistor is protected with an epoxy coating.
Terminations
Material
Hot tin dipped copper wire.
Strength
The terminations meet the requirements of IEC 68.2.21
SolderabilityThe terminations meet the requirements of IEC 115-1,Clause 4.17.3.2
Marketing
Resistance value and tolerance are identified in accordance with IEC 62 4-band colour code.
Solvent Resistance
The body protection and marking are resistant to all normal industrial cleaning solvents suitable for printed circuits.
Issue A . 11.06
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
GCF Series
Maximum Change
3
5
1 + 0.05W
Zero at 155°C
1 + 0.05W
Load life
DR%
Load life in humidity
DR%
Temperature rapaid change
Derating from rated power at 70°C
Short term overload
DR%
Terminal strength
DR%
Resistance to solder heat
No evidence of mechanical damage
1 + 0.05W
Solderability
Resistance to solder heat
Insulation resistance
Dielectric withstanding
DR%
min
Minimum of 95% coverage
No deterioration of protective coating and marking
1000M
No evidence of flahover, mechanical damage, arcing of insulation breakdown
Performance Data
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com