Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H250/2AL Datasheet(PDF) 1 Page - Brauer Ltd

Part # H250/2AL
Description  HORIZONTAL CLAMPS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAUER [Brauer Ltd]
Direct Link  https://www.brauer.co.uk/
Logo BRAUER - Brauer Ltd

H250/2AL Datasheet(HTML) 1 Page - Brauer Ltd

  H250/2AL Datasheet HTML 1Page - Brauer Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HORIZONTAL CLAMPS
®
84
84
CALL US AT: 00 44 (0)1908 374022 OR FAX US AT: 00 44 (0)1908 641628
CALL US AT: 00 44 (0)1908 374022 OR FAX US AT: 00 44 (0)1908 641628
H250 SERIES
MODEL
H250/2A
H250 SERIES
MODEL
H250/2B
Arm opens
through 90°
M10 x 80
for front mounting use bracket Model FM2
Arm opens
through 95°
Handle opens
through 80°
Arm opens
through 95°
Handle opens
through 80°
Arm:
The spindle position is
adjustable along the arm.
Base:
Flanged.
Nominal Holding Force:
250 daN
Weight:
0.50 Kg
Supplied complete with:
MB0860 Setscrew & nuts.
FW08/15 Flanged washers.
See “Accessories” for other
items.
for front mounting use bracket Model FM2
H250 SERIES
MODEL
H250/2AL
Arm opens
through 95°
Handle opens
through 80°
for front mounting use bracket Model FM2
236
92
Arm:
Solid arm with spindle retainer
supplied loose for welding in the
desired position. 10mm added
to arm length over H250/2A
model.
Base:
Flanged.
Nominal Holding Force:
250 daN
Weight:
0.50 Kg
Supplied complete with:
MB0860 Setscrew & nuts.
R/08 Spindle retainer.
See “Accessories” for other
items.
Arm:
2-piece “solid” arm with spindle
retainer supplied loose for
welding in the desired position.
Base:
Flanged.
Nominal Holding Force:
250 daN
Weight:
0.50 Kg
Supplied complete with:
MB0860 Setscrew & nuts.
R/08 Spindle retainer.
See “Accessories” for other
items.


Similar Part No. - H250/2AL

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H250 GILWAY-H250 Datasheet
59Kb / 1P
Subminiature Krypton Lams with Lens(Clear)-End
logo
Cooper Bussmann, Inc.
H25030-1 COOPER-H25030-1 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
H25030-2 COOPER-H25030-2 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
H25030-3 COOPER-H25030-3 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
Renesas Technology Corp
H2505 RENESAS-H2505 Datasheet
6Mb / 980P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2500 Series
More results

Similar Description - H250/2AL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
CABLE CLAMPS ALUMINUM
536QC ETC2-536QC Datasheet
40Kb / 1P
Bar Clamps
I410 ETC2-I410 Datasheet
136Kb / 2P
Current Clamps
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
Miniature Cable Clamps
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
Standard Cable Clamps
logo
Richco, Inc.
E14-CL RICHCO-E14-CL Datasheet
52Kb / 1P
E CLAMPS
logo
Ohmite Mfg. Co.
RES-PFE-PFR OHMITE-RES-PFE-PFR Datasheet
337Kb / 2P
Clamps, movable along resistor
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
Nylon Cable Clamps, Adjustable
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
Nylon Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
Camcirc cable clamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com