Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX28AC/DP-G Datasheet(PDF) 11 Page - Parallax Inc

Part # SX28AC/DP-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/DP-G Datasheet(HTML) 11 Page - Parallax Inc

Back Button SX28AC/DP-G Datasheet HTML 7Page - Parallax Inc SX28AC/DP-G Datasheet HTML 8Page - Parallax Inc SX28AC/DP-G Datasheet HTML 9Page - Parallax Inc SX28AC/DP-G Datasheet HTML 10Page - Parallax Inc SX28AC/DP-G Datasheet HTML 11Page - Parallax Inc SX28AC/DP-G Datasheet HTML 12Page - Parallax Inc SX28AC/DP-G Datasheet HTML 13Page - Parallax Inc SX28AC/DP-G Datasheet HTML 14Page - Parallax Inc SX28AC/DP-G Datasheet HTML 15Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 11 of 51
Rev 1.6 11/20/2006
3.1.1. Read-Modify-Write Considerations
Caution must be exercised when performing two
successive read-modify-write instructions (SETB or
CLRB operations) on an I/O port pin. Input data used for
an instruction must be valid during the time the
instruction is executed, and the output result from an
instruction is valid only after that instruction completes its
operation. Unexpected results from successive read-
modify-write operations on I/O pins can occur when the
device is running at high speeds. Although the device has
an internal write-back section to prevent such conditions,
it is still recommended that the user program include a
NOP instruction as a buffer between successive read-
modify-write instructions performed on I/O pins of the
same port.
Also note that reading an I/O port is actually reading the
pins, not the output data latches. That is, if the pin output
driver is enabled and driven high while the pin is held low
externally, the port pin will read low.
3.2.
Port Configuration
Each port pin offers the following configuration options:
• data direction
• input voltage levels (TTL or CMOS)
• pullup type (pullup resistor enable or disable)
• Schmitt trigger input (for Port B and Port C only)
Port B offers the additional option to use the port pins for
the Multi-Input Wakeup/Interrupt function and/or the
analog comparator function.
Port configuration is performed by writing to a set of
control registers associated with the port. A special-
purpose instruction is used to write these control registers:
• mov !RA,W (move W to Port A control register)
• mov !RB,W (move W to Port B control register)
• mov !RC,W (move W to Port C control register)
Each one of these instructions writes a port control
register for Port A, Port B, or Port C. There are multiple
control registers for each port. To specify which one you
want to access, you use another register called the MODE
register.
3.2.1. MODE Register
The MODE register controls access to the port
configuration registers. Because the MODE register is not
memory-mapped, it is accessed by the following special
purpose instructions:
• mov M, #lit (move literal to MODE register)
• mov M,W (move W to MODE register)
• mov W,M (move MODE register to W)
The value contained in the MODE register determines
which port control register is accessed by the
“mov !rx,W” instruction as indicated in Table 2-1. MODE
register values not listed in the table are reserved for
future expansion and should not be used. Therefore, the
MODE register should always contain a value from 08h
to 0Fh. Upon reset, the MODE register is initialized to
0Fh, which enables access to the port direction registers.
After a value is written to the MODE register, that setting
remains in effect until it is changed by writing to the
MODE register again. For example, you can write the
value 0Eh to the MODE register just once, and then write
to each of the three pullup configuration registers using
the three “mov !rx,W” instructions.
Table 3-2: MODE Register and
Port Control Register Access
MODE Reg.
Mov !RA,W
Mov !RB, W
Mov !Rc, W
08h
not used
CMP_B
not used
09h
not used
WKPND_B
not used
0Ah
not used
WKED_b
not used
0Bh
not used
WKEN_B
not used
0Ch
not used
ST_B
ST_C
0Dh
LVL_A
LVL_B
LVL_C
0Eh
PLP_A
PLP_B
PLP_C
0Fh
RA Direction
RB Direction
RC Direction
The following code example shows how to program the
pullup control registers.
mov M,#$0E
;MODE=0Eh to access port pullup
;registers
mov W,#$03
;W = 0000 0011
mov !RA,W
;disable pullups for RA0 and RA1
mov W,#$FF
;W = 1111 1111
mov !RB,W
;disable all pullups for RB0-RB7
mov W,#$00
;W = 0000 0000
mov !RC,W
;enable all pullups for RC0-RC7
First the MODE register is loaded with 0Eh to select
access to the pullup control registers (PLP_A, PLP_B,
and PLP_C). Then the “mov !rx,W” instructions are used
to specify which port pins are to be connected to the
internal pullup resistors. Setting a bit to 1 disconnects the
corresponding pullup resistor, and clearing a bit to 0
connects the corresponding pullup resistor.
3.2.2. Port Configuration Registers
The port configuration registers that you control with the
“mov !rx,W” instruction operate as described below.
RA, RB, and RC Data Direction Registers (MODE=0Fh)
Each register bit sets the data direction for one port pin.
Set the bit to 1 to make the pin operate as a high-
impedance input. Clear the bit to 0 to make the pin
operate as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com