Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8V97052 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 8V97052
Description  High Resolution Wideband RF Synthesizer / PLL
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8V97052 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 8V97052 Datasheet HTML 35Page - Renesas Technology Corp 8V97052 Datasheet HTML 36Page - Renesas Technology Corp 8V97052 Datasheet HTML 37Page - Renesas Technology Corp 8V97052 Datasheet HTML 38Page - Renesas Technology Corp 8V97052 Datasheet HTML 39Page - Renesas Technology Corp 8V97052 Datasheet HTML 40Page - Renesas Technology Corp 8V97052 Datasheet HTML 41Page - Renesas Technology Corp 8V97052 Datasheet HTML 42Page - Renesas Technology Corp 8V97052 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
R31DS0022EU0110 Rev.1.1
Page 39
Feb 6, 2023
8V97052 Datasheet
tjit(Ø)
RMS Phase Jitter
(random)
f = 201.5MHz
Integration range: 12kHz – 20MHz
372
fs
N(100)
RF Output
Phase Noise Performance
at 201.5MHz
100Hz offset from carrier
-104
dBc/Hz
N(1k)
1kHz offset from carrier
-119
dBc/Hz
N(10k)
10kHz offset from carrier
-128
dBc/Hz
N(100k)
100kHz offset from carrier
-132
dBc/Hz
N(1M)
1M offset from carrier
-141
dBc/Hz
N(SYNTH) Normalized Phase Noise
Floor
-228
dBc/Hz
N(1/f)
Normalized 1/f Noise[4]
10kHz offset; normalized to 1GHz
-122
dBc/Hz
1. Internal VCO is used.
2. VDDX denotes VDDD, V_CP, VDD_SD, VVCO.
3. Output power setting = 11.5dBm.
4. N(1/f) = N(RF_OUT) – 10 Log(10kHz/f) – 10 Log (fRF_OUT/1GHz) where N(1/f) is the 1/f noise contribution at a
RF_OUT frequency (fRF_OUT) and at a frequency offset f.
Table 87. RF_OUT[A:B] Phase Noise and Jitter Characteristics, VDDX = VDDA = 3.3V ±5%, TA = -40°C to 85°C[1][2][3]
1. Internal VCO is used.
2. VDDX denotes VDDD, V_CP, VDD_SD, VVCO.
3. Output power setting = 11.5dBm.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
tjit(Ø)
RMS Phase Jitter
(random)
f = 3.5GHz
Integration range: 12kHz – 20MHz
179
fs
N(100)
RF Output
Phase Noise Performance
at 3.5GHz
100Hz offset from carrier
-91
dBc/Hz
N(1k)
1kHz offset from carrier
-99
dBc/Hz
N(10k)
10kHz offset from carrier
-103
dBc/Hz
N(100k)
100kHz offset from carrier
-107
dBc/Hz
N(1M)
1M offset from carrier
-121
dBc/Hz
tjit(Ø)
RMS Phase Jitter
(random)
f = 4.3GHz
Integration range: 12kHz – 20MHz
103
fs
N(100)
RF Output
Phase Noise Performance
at 4.3MHz
100Hz offset from carrier
-89
dBc/Hz
N(1k)
1kHz offset from carrier
-99
dBc/Hz
N(10k)
10kHz offset from carrier
-105
dBc/Hz
N(100k)
100kHz offset from carrier
-112
dBc/Hz
N(1M)
1M offset from carrier
-123
dBc/Hz
Table 86. RF_OUT[A:B] Phase Noise and Jitter Characteristics, VDDX = VDDA = 3.3V ±5%, TA = -40°C to 85°C[1][2][3] (Cont.)
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com