Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8V97053L Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 8V97053L
Description  Low Power Wideband Fractional RF Synthesizer / PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8V97053L Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 8V97053L Datasheet HTML 35Page - Renesas Technology Corp 8V97053L Datasheet HTML 36Page - Renesas Technology Corp 8V97053L Datasheet HTML 37Page - Renesas Technology Corp 8V97053L Datasheet HTML 38Page - Renesas Technology Corp 8V97053L Datasheet HTML 39Page - Renesas Technology Corp 8V97053L Datasheet HTML 40Page - Renesas Technology Corp 8V97053L Datasheet HTML 41Page - Renesas Technology Corp 8V97053L Datasheet HTML 42Page - Renesas Technology Corp 8V97053L Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
39
©2016–2023 Renesas Electronics Corporation.
February 2, 2023
8V97053L Datasheet
Table 11K. Register 6: 2-Bit VCO Band Selection Accuracy Configuration. Function Description
Name
Description
Factory Default
Function
band_select_acc[2:1] BAND_SELECT_ACC 00
00 = 1 cycle of the band select clock (output of the Band Select Divider)
01 = 2 cycles
10 = 4 cycles
11 = Reserved
Table 11N. Register 6: 4-Bit Extra Most Significant Bits of Band Select Divider. Function Description1 2
Name
Description
Factory Default
Value
Function
ExtBndSelDiv[4:1]
EXT_BND_SEL_DIV
0000
BSCC_R4 +
[EXT_BND_SEL_DIV]x256
0000 = [BSCC_R4]
0001 =[BSCC_R4]+256
0010 = [BSCC_R4] + 512
….…
1111 = [BSCC_R4]+3840
NOTE 1. EXT_BND_SEL_DIV are Extra 4 MSBs that extend the Band Select Clock Counter in Register 4. These additional bits are necessary
for band selection to divide down to <500kHz when high PFD frequencies are used.
NOTE 2. BSCC_R4 is the BAND SELECT CLOCK COUNTER value in Register 4.
Table 11O. Register 6: 3-Bit Control Bits. Function Description1
Name
Description
Function
CB[3:1]
CONTROL BITS
110 = Register 6 is programmed
NOTE 1. The user has to set CB[3:1] to 110 in order to write to Register 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com