Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCS504-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCS504-Q1
Description  CDCS504-Q1 Clock Buffer and Clock Multiplier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS504-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCS504-Q1 Datasheet HTML 3Page - Texas Instruments CDCS504-Q1 Datasheet HTML 4Page - Texas Instruments CDCS504-Q1 Datasheet HTML 5Page - Texas Instruments CDCS504-Q1 Datasheet HTML 6Page - Texas Instruments CDCS504-Q1 Datasheet HTML 7Page - Texas Instruments CDCS504-Q1 Datasheet HTML 8Page - Texas Instruments CDCS504-Q1 Datasheet HTML 9Page - Texas Instruments CDCS504-Q1 Datasheet HTML 10Page - Texas Instruments CDCS504-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LVCMOS
PLL
LVCMOS
Control Logic
LVCMOS
1
2
3
5
8
4
7
6
FS
IN
VDD
GND
OUT
GND
GND
OE
Copyright © 2017, Texas Instruments Incorporated
7
CDCS504-Q1
www.ti.com
SCAS951 – APRIL 2017
Product Folder Links: CDCS504-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The CDCS504-Q1 is a LVCMOS clock buffer (x1 mode) or quadrupler (x4 mode). It integrates an internal PLL
and generates a LVCMOS clock frequency range from 2 MHz to 108 MHz.
8.2 Functional Block Diagram
8.3 Feature Description
The CDCS504-Q1 is qualified for automotive applications with AEC-Q100 test, which could support wide
temperature range from –40°C to 105°C. The device is easy to use, only need single 3.3-V power supply. The
output enable or disable mode, along with frequency multiplication, could be controlled by external controls pins.
8.4 Device Functional Modes
When pin 7 OE is in low, the CDCS504-Q1 outputs 3-state. When pin 7 OE is set in high, the device would
output clocks, output frequency depends on pin 5 FS status. FS = high enables frequency ×4 mode. FS= low
makes output frequency equal to input frequency. If no input clock is provided, it is recommended to set OE=low
in order to avoid random clock pulses from the internal PLL at the outputs.
Table 1. Function Table
OE
FS
fOUT/fIN
fOUT at fin = 27 MHz
0
x
x
3-state
1
0
1
27 MHz
1
1
4
108 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com