Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD17581Q3AT Datasheet(PDF) 13 Page - Texas Instruments

Part # CSD17581Q3AT
Description  CSD17581Q3A 30-V N-Channel NexFET™ Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17581Q3AT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CSD17581Q3AT Datasheet HTML 7Page - Texas Instruments CSD17581Q3AT Datasheet HTML 8Page - Texas Instruments CSD17581Q3AT Datasheet HTML 9Page - Texas Instruments CSD17581Q3AT Datasheet HTML 10Page - Texas Instruments CSD17581Q3AT Datasheet HTML 11Page - Texas Instruments CSD17581Q3AT Datasheet HTML 12Page - Texas Instruments CSD17581Q3AT Datasheet HTML 13Page - Texas Instruments CSD17581Q3AT Datasheet HTML 14Page - Texas Instruments CSD17581Q3AT Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
4X (0.6)
4X (0.3)
(1.775)
(2.45)
0.05 MIN
ALL SIDES
3X (0.65)
3X (0.65)
(0.207)
(0.975)
TYP
(R0.05)
TYP
(0.245)
(0.905)
TYP
(R0.05) TYP
(1.55)
(0.56)
(0.635)
TYP
(
0.2) VIA
TYP
4X (0.3)
VSONP - 0.9 mm max height
DNH0008A
PLASTIC SMALL OUTLINE - NO LEAD
4222499/C 02/2025
NOTES: (continued)
7. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
8. Vias are optional depending on application, refer to device data sheet. If some or all are implemented, recommended via locations are shown.
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE: 25X
SYMM
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
1
4
5
8
9
PKG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com