Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7744EB Datasheet(PDF) 18 Page - Texas Instruments

Part # DAC7744EB
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7744EB Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC7744EB Datasheet HTML 14Page - Texas Instruments DAC7744EB Datasheet HTML 15Page - Texas Instruments DAC7744EB Datasheet HTML 16Page - Texas Instruments DAC7744EB Datasheet HTML 17Page - Texas Instruments DAC7744EB Datasheet HTML 18Page - Texas Instruments DAC7744EB Datasheet HTML 19Page - Texas Instruments DAC7744EB Datasheet HTML 20Page - Texas Instruments DAC7744EB Datasheet HTML 21Page - Texas Instruments DAC7744EB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18
®
DAC7744
REFERENCE INPUTS
The reference inputs, VREFL and VREFH, can be any voltage
between VSS + 4V and VCC – 4V, provided that VREFH is at
least 1.25V greater than VREFL. The minimum output of
each DAC is equal to VREFL plus a small offset voltage
(essentially, the offset of the output op amp). The maximum
output is equal to VREFH plus a similar offset voltage. Note
that VSS (the negative power supply) must either be
connected to ground or must be in the range of –14.25V to
–15.75V. The voltage on VSS sets several bias points within
the converter. If VSS is not in one of these two configura-
tions, the bias values may be in error and proper operation
of the device is not guaranteed.
The current into the VREFH input and out of VREFL depends
on the DAC output voltages and can vary from a few
microamps to approximately 2.0mA. The reference input
appears as a varying load to the reference. If the reference
can sink or source the required current, a reference buffer is
not required. The DAC7744 features a reference drive and
sense connection such that the internal errors caused by the
changing reference current and the circuit impedances can be
minimized. Figures 5 through 12 show different reference
configurations and the effect on the linearity and differential
linearity.
The analog supplies (or the analog supplies and the reference
power supplies) have to come up first. If the power supplies
for the reference come up first, then the VCC and VSS
supplies will be “powered from the reference via the ESD
protection diode”, see page 4.
FIGURE 5. Dual Supply Configuration-Buffered References, used for Dual Supply Performance Curves (1/2 DAC7744).
FIGURE 6. Single-Supply Buffered Reference with a Reference Low of 50mV Used for Single-Supply Performance Curves
(1/2 DAC7744).
NC
NC
NC
NC
V
OUTA Sense
V
OUTA
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
48
47
46
45
44
43
42
41
40
39
38
37
DAC7744
+10V
+V
–10V
–V
V
OUT
V
OUT
1000pF
2200pF
+V
OPA2234
100
Ω
1000pF
2200pF
100
Ω
NC
NC
NC
NC
V
OUTA Sense
V
OUTA
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
48
47
46
45
44
43
42
41
40
39
38
37
DAC7744
99k
Ω
2k
Ω
+0.050V
+10V
+V
V
OUT
V
OUT
NOTE: V
REFL has been chosen to be 50mV to allow for current sinking voltage
drops across the 100
Ω resistor and the output stage of the buffer op amp.
1000pF
2200pF
+V
OPA350
OPA227
100
Ω
1000pF
2200pF
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com