Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7744EC/1K Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC7744EC/1K
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7744EC/1K Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7744EC/1K Datasheet HTML 6Page - Texas Instruments DAC7744EC/1K Datasheet HTML 7Page - Texas Instruments DAC7744EC/1K Datasheet HTML 8Page - Texas Instruments DAC7744EC/1K Datasheet HTML 9Page - Texas Instruments DAC7744EC/1K Datasheet HTML 10Page - Texas Instruments DAC7744EC/1K Datasheet HTML 11Page - Texas Instruments DAC7744EC/1K Datasheet HTML 12Page - Texas Instruments DAC7744EC/1K Datasheet HTML 13Page - Texas Instruments DAC7744EC/1K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
®
DAC7744
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
Frequency (Hz)
100
1k
10k
100k
1M
POWER SUPPLY REJECTION RATIO vs FREQUENCY
+15V
+5V
TYPICAL PERFORMANCE CURVES: VSS = 0V (Cont.)
At TA = +25°C, VDD = +5V, VCC = +15V, VSS = 0, VREFH = +10V, and VREFL = 0V, representative unit, unless otherwise specified.
20
15
10
5
0
–5
–10
–15
–20
Input Code
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
0000
H
E000
H
FFFF
H
SINGLE-SUPPLY CURRENT LIMIT
vs INPUT CODE
Short to Ground
Short to V
CC
16
14
12
10
8
6
4
2
0
R
LOAD (kΩ)
0.01
0.1
1
10
100
OUTPUT VOLTAGE vs R
LOAD
Source
Sink
12
10
8
6
4
2
0
LOGIC SUPPLY CURRENT
vs LOGIC INPUT LEVEL FOR DATA BITS
Logic Input Level for Data Bits (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+5V
CS
0
Time (500ns/div)
DIGITAL-TO-ANALOG OUTPUT GLITCH
2LSB/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com