Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC902 Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC902
Description  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC902 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC902 Datasheet HTML 8Page - Texas Instruments DAC902 Datasheet HTML 9Page - Texas Instruments DAC902 Datasheet HTML 10Page - Texas Instruments DAC902 Datasheet HTML 11Page - Texas Instruments DAC902 Datasheet HTML 12Page - Texas Instruments DAC902 Datasheet HTML 13Page - Texas Instruments DAC902 Datasheet HTML 14Page - Texas Instruments DAC902 Datasheet HTML 15Page - Texas Instruments DAC902 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
DAC902
12
SBAS094B
The value of the load resistance is limited by the output
compliance specification of the DAC902. To maintain speci-
fied linearity performance, the voltage for IOUT and IOUT
should not exceed the maximum allowable compliance range.
The two single-ended output voltages can be combined to
find the total differential output swing:
(7)
ANALOG OUTPUTS
The DAC902 provides two complementary current outputs,
IOUT and IOUT. The simplified circuit of the analog output
stage representing the differential topology is shown in
Figure 2. The output impedance of 200k
Ω || 12pF for I
OUT
and IOUT results from the parallel combination of the differ-
ential switches, along with the current sources and associ-
ated parasitic capacitances.
IOUT and IOUT. Furthermore, using the differential output
configuration in combination with a transformer will be
instrumental for achieving excellent distortion performance.
Common-mode errors, such as even-order harmonics or
noise, can be substantially reduced. This is particularly the
case with high output frequencies and/or output amplitudes
below full-scale.
For those applications requiring the optimum distortion and
noise performance, it is recommended to select a full-scale
output of 20mA. A lower full-scale range down to 2mA may
be considered for applications that require a low power
consumption, but can tolerate a reduced performance level.
FIGURE 2. Equivalent Analog Output.
The signal voltage swing that may develop at the two
outputs, IOUT and IOUT, is limited by a negative and positive
compliance. The negative limit of –1V is given by the
breakdown voltage of the CMOS process, and exceeding it
will compromise the reliability of the DAC902, or even
cause permanent damage. With the full-scale output set to
20mA, the positive compliance equals 1.25V, operating with
+VD = 5V. Note that the compliance range decreases to
about 1V for a selected output current of IOUTFS = 2mA.
Care should be taken that the configuration of DAC902 does
not exceed the compliance range to avoid degradation of the
distortion performance and integral linearity.
Best distortion performance is typically achieved with the
maximum full-scale output signal limited to approximately
0.5V. This is the case for a 50
Ω doubly-terminated load and
a 20mA full-scale output current. A variety of loads can be
adapted to the output of the DAC902 by selecting a suitable
transformer while maintaining optimum voltage levels at
OUTPUT CONFIGURATIONS
The current output of the DAC902 allows for a variety of
configurations, some of which are illustrated below. As men-
tioned previously, utilizing the converter’s differential out-
puts will yield the best dynamic performance. Such a differ-
ential output circuit may consist of an RF transformer or a
differential amplifier configuration. The transformer configu-
ration is ideal for most applications with ac coupling, while
op amps will be suitable for a DC-coupled configuration.
The single-ended configuration may be considered for appli-
cations requiring a unipolar output voltage. Connecting a
resistor from either one of the outputs to ground will convert
the output current into a ground-referenced voltage signal.
To improve on the DC linearity, an I-to-V converter can be
used instead. This will result in a negative signal excursion
and, therefore, requires a dual supply amplifier.
DIFFERENTIAL WITH TRANSFORMER
Using an RF transformer provides a convenient way of
converting the differential output signal into a single-ended
signal while achieving excellent dynamic performance (see
Figure 3). The appropriate transformer should be carefully
selected based on the output frequency spectrum and imped-
ance requirements. The differential transformer configura-
tion has the benefit of significantly reducing common-mode
signals, thus improving the dynamic performance over a
wide range of frequencies. Furthermore, by selecting a
suitable impedance ratio (winding ratio), the transformer can
be used to provide optimum impedance matching while
controlling the compliance voltage for the converter outputs.
The model shown in Figure 3 has a 1:1 ratio and may be used
to interface the DAC902 to a 50
Ω load. This results in a 25Ω
load for each of the outputs, IOUT and IOUT. The output
signals are ac coupled and inherently isolated because of its
magnetic coupling.
INPUT CODE (D11 - D0)
IOUT
IOUT
1111 1111 1111
20mA
0mA
1000 0000 0000
10mA
10mA
0000 0000 0000
0mA
20mA
TABLE I. Input Coding vs Analog Output Current.
VV
V
Code
IR
OUTDIFF
OUT
OUT
OUTFS
LOAD
== •
••
–
(–
)
2
4095
4096
I
OUT
I
OUT
DAC902
R
L
R
L
+V
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com