Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46117 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG46117
Description  Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46117 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG46117 Datasheet HTML 17Page - Renesas Technology Corp SLG46117 Datasheet HTML 18Page - Renesas Technology Corp SLG46117 Datasheet HTML 19Page - Renesas Technology Corp SLG46117 Datasheet HTML 20Page - Renesas Technology Corp SLG46117 Datasheet HTML 21Page - Renesas Technology Corp SLG46117 Datasheet HTML 22Page - Renesas Technology Corp SLG46117 Datasheet HTML 23Page - Renesas Technology Corp SLG46117 Datasheet HTML 24Page - Renesas Technology Corp SLG46117 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
000-0046117-115
Page 20 of 89
SLG46117
6.10 RC Oscillator
•
25 kHz and 2 MHz selectable frequency
•
First stage divider (4): OSC/1, OSC/2, OSC/4, and OSC/8
•
Second stage divider (8): selectable (OSC/1, OSC/2, OSC/3, OSC/4, OSC/8, OSC/12, OSC/24, or OSC/64)
6.11 Power On Reset (POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com