Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD3313 Datasheet(PDF) 10 Page - EONMIC TECHNOLOGY LTD

Part # CD3313
Description  Digitally controlled four-channel audio processor with tone and volume processing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EONMIC [EONMIC TECHNOLOGY LTD]
Direct Link  
Logo EONMIC - EONMIC TECHNOLOGY LTD

CD3313 Datasheet(HTML) 10 Page - EONMIC TECHNOLOGY LTD

Back Button CD3313 Datasheet HTML 3Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 4Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 5Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 6Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 7Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 8Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 9Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 10Page - EONMIC TECHNOLOGY LTD CD3313 Datasheet HTML 11Page - EONMIC TECHNOLOGY LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EONMIC™
CD3313
10/11
应用图
28
DGND
单片机
27
26
17
16
12
19
18
4
SDA
SCL
OUT
IN
LOUD BOUT
BIN TREBLE
(L)
(L)
(L) (L)
(L)
(L)
2.2uF
100nF 100nF 100nF
2.7nF
5.6k
25
24
23
22
OUT LF
OUT RF
OUT LR
OUT RR
11
15
10
14
9
13
L1
R1
R2
L2
R3
L3
2.2uF
2.2uF
2.2uF
2.2uF
2.2uF
2.2uF
调谐器
CD唱机
磁带
录音机
231
76821
20
5
VDD
GND
CREF
OUT
IN
LOUD BOUT
BIN TREBLE
(R)
(R)
(R)
(R)
(R)
(R)
22uF
VDD
2.2uF
100
100
100
2.7
nF
nF
nF
nF
5.6k
10uF
10uF
10uF
10uF
CD3313-Ver2.0 2009-8-10 EONMIC TECHNOLOGY LTD. TEL:0755-86211920



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com